Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-24E4T Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HFBR-24E4T
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-24E4T Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HFBR-24E4T Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-24E4T Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
HFBR-0400 Series Evaluation Kits
HFBR-0410 ST Evaluation Kit
Contains the following:
One HFBR-1412 transmitter
One HFBR-2412 five
megabaud TTL receiver
Three meters of ST
connectored 62.5/125 µm
fiber optic cable with low cost
plastic ferrules.
Related literature
HFBR-0414 ST Evaluation Kit
Includes additional components
to interface to the transmitter
and receiver as well as the PCB
to reduce design time. Contains
the following:
One HFBR-1414T transmitter
One HFBR-2416T receiver
Three meters of ST
connectored 62.5/125 µm
fiber optic cable
Printed circuit board
ML-4622 CP Data Quantizer
74ACTllOOON LED Driver
LT1016CN8 Comparator
4.7 µH Inductor
Related literature
HFBR-0400 SMA Evaluation Kit
Contains the following:
One HFBR-1402 transmitter
One HFBR-2402 five
megabaud TTL receiver
Two meters of SMA
connectored 1000 µm plastic
optical fiber
Related literature
HFBR-0416 Evaluation Kit
Contains the following:
One fully assembled 1x9
transceiver board for 155
MBd evaluation including:
- HFBR-1414 transmitter
- HFBR-2416 receiver
- circuitry
Related literature
Package and Handling Information
Package Information
All HFBR-0400 Series
transmitters and receivers are
housed in a low-cost, dual-inline
package that is made of high
strength, heat resistant,
chemically resistant, and UL
94V-O flame retardant ULTEM®
plastic (UL File #E121562). The
transmitters are easily identified
by the light grey color connector
port. The receivers are easily
identified by the dark grey color
connector port. (Black color for
conductive port). The package is
designed for auto-insertion and
wave soldering so it is ideal for
high volume production
applications.
Handling and Design Information
Each part comes with a
protective port cap or plug
covering the optics. These caps/
plugs will vary by port style.
When soldering, it is advisable
to leave the protective cap on
the unit to keep the optics clean.
Good system performance
requires clean port optics and
cable ferrules to avoid
obstructing the optical path.
Clean compressed air often is
sufficient to remove particles of
dirt; methanol on a cotton swab
also works well.
Recommended Chemicals for
Cleaning/Degreasing HFBR-0400
Products
Alcohols: methyl, isopropyl,
isobutyl.
Aliphatics: hexane, heptane,
Other: soap solution, naphtha.
Do not use partially halogenated
hydrocarbons such as 1,1.1
trichloroethane, ketones such as
MEK, acetone, chloroform, ethyl
acetate, methylene dichloride,
phenol, methylene chloride, or
N-methylpyrolldone. Also,
Agilent does not recommend the
use of cleaners that use
halogenated hydrocarbons
because of their potential
environmental harm.
Ultem® is a registered Trademark of the GE corporation.


Similar Part No. - HFBR-24E4T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-24E4TZ BOARDCOM-HFBR-24E4TZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-24E4T

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com