Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2405T Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HFBR-2405T
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-2405T Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HFBR-2405T Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-2405T Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Options
In addition to the various port
styles available for the HFBR-
0400 series products, there are
also several extra options that
can be ordered. To order an
option, simply place the
corresponding option number at
the end of the part number. See
page 2 for available options.
Option T (Threaded Port Option)
Allows ST style port
components to be panel
mounted.
Compatible with all current
makes of ST® multimode
connectors
Mechanical dimensions are
compliant with MIL-STD-
83522/13
Maximum wall thickness
when using nuts and washers
from the HFBR-4411
hardware kit is 2.8 mm (0.11
inch)
Available on all ST ports
Option C (Conductive Port Receiver
Option)
Designed to withstand
electrostatic discharge (ESD)
of 25 kV to the port
Significantly reduces effect of
electromagnetic interference
(EMI) on receiver sensitivity
Allows designer to separate
the signal and conductive port
grounds
Recommended for use in
noisy environments
Available on SMA and
threaded ST port style
receivers only
Option M (Metal Port Option)
Nickel plated aluminum
connector receptacle
Designed to withstand
electrostatic discharge (ESD)
of 15 kV to the port
Significantly reduces effect of
electromagnetic interference
(EMI) on receiver sensitivity
Allows designer to separate
the signal and metal port
grounds
Recommended for use in very
noisy environments
Available on SMA, ST, and
threaded ST ports


Similar Part No. - HFBR-2405T

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-2405TZ BOARDCOM-HFBR-2405TZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-2405T

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com