Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1550SN27T1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1550SN27T1
Description  600 kHz PWM/PFM Step-Down DC-DC Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1550SN27T1 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1550SN27T1 Datasheet HTML 1Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 2Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 3Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 4Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 5Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 6Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 7Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 8Page - ON Semiconductor NCP1550SN27T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
NCP1550
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) (VIN = 5.0 V, TA = 25°C for typical value, −40°C v TA v 85°C for min/max values
unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
CE (PIN 1)
CE “H” Input Voltage
VCEH
1.3
V
CE “L” Input Voltage
VCEL
0.3
V
CE “H” Input Current (VIN = VCE = 5.0 V)
ICEH
−0.5
0
0.5
mA
CE “L” Input Current (VIN = 5.0, VCE = 0 V)
ICEL
−0.5
0.15
0.5
mA
Undervoltage Lockout
Undervoltage Lockout Threshold
VUVLO
1.60
2.20
2.40
V
Undervoltage Lockout Hysteresis
VUVLO_HYS
50
mV
Figure 2. Typical Application Diagram
SD
CIN
L
VIN
CE
EXT
VOUT
GND
VIN
CE
GND
VOUT
GND
COUT
M


Similar Part No. - NCP1550SN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550SN27T1 ONSEMI-NCP1550SN27T1 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
NCP1550SN27T1G ONSEMI-NCP1550SN27T1G Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
More results

Similar Description - NCP1550SN27T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com