Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7310KST Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7310KST
Description  Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7310KST Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7310KST Datasheet HTML 5Page - Analog Devices ADV7310KST Datasheet HTML 6Page - Analog Devices ADV7310KST Datasheet HTML 7Page - Analog Devices ADV7310KST Datasheet HTML 8Page - Analog Devices ADV7310KST Datasheet HTML 9Page - Analog Devices ADV7310KST Datasheet HTML 10Page - Analog Devices ADV7310KST Datasheet HTML 11Page - Analog Devices ADV7310KST Datasheet HTML 12Page - Analog Devices ADV7310KST Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
REV. A
ADV7310/ADV7311
–9–
t9
t11
t10
t12
Cb0
Y0
Cr0
Y1
Crxxx
Yxxx
t14
t13
CLKIN_A
Y9–Y0
P_VSYNC,
P_HSYN
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
C,
P_BLANK
CONTROL
INPUTS
CONTROL
OUTPUTS
Figure 5. PS 4:2:2 1
10-Bit Interleaved at 54 MHz
HSYNC/VSYNC Input Mode [Input Mode 111]
t9
t11
t10
t12
t11
t12
t13
t14
CLKIN_B*
*CLKIN_B USED IN THIS PS ONLY MODE.
Y9–Y
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
0
CONTROL
OUTPUTS
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
Figure 6. PS Only 4:2:2 1
10-Bit Interleaved at 27 MHz EAV/SAV Input Mode [Input Mode 100]
t9
t11
t10
t12
t14
t13
CLKIN_A
Y9–Y0
t9 = CLOCK HIGH TIME
t10 = CLOCK LOW TIME
t11 = DATA SETUP TIME
t12 = DATA HOLD TIME
CONTROL
OUTPUTS
3FF
00
00
XY
Cb0
Y0
Cr0
Y1
NOTE: Y0, Cb0 SEQUENCE AS PER SUBADDRESS 0
01 BIT-1
Figure 7. PS Only 4:2:2 1
10-Bit Interleaved at 54 MHz EAV/SAV Input Mode [Input Mode 111]


Similar Part No. - ADV7310KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
More results

Similar Description - ADV7310KST

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. 0
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
   Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7324 AD-ADV7324 Datasheet
1,014Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7314 AD-ADV7314_15 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7324 AD-ADV7324_15 Datasheet
1,015Kb / 92P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
Rev. 0
ADV7314 AD-ADV7314 Datasheet
1Mb / 84P
   Multiformat 216 MHz Video Encoder with Six NSV 14-Bit DACs
REV. 0
ADV7300A AD-ADV7300A Datasheet
1Mb / 68P
   Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com