Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1415C Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HFBR-1415C
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1415C Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1415C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-1415C Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
5 MBd Logic Link Design
If resistor R1 in Figure 2 is 70.4
W, a forward current IF of 48 mA
is applied to the HFBR-14x4
LED transmitter. With IF = 48
mA the HFBR-14x4/24x2 logic
link is guaranteed to work with
62.5/125 µm fiber optic cable
over the entire range of 0 to
1750 meters at a data rate of dc
to 5 MBd, with arbitrary data
format and pulse width
distortion typically less than
25%. By setting R1 = 115 W, the
transmitter can be driven with
IF = 30 mA, if it is desired to
economize on power or achieve
lower pulse distortion.
The following example will
illustrate the technique for
selecting the appropriate value
of IF and R1.
Maximum distance required =
400 meters. From Figure 3 the
drive current should be 15 mA.
From the transmitter data VF =
1.5 V (max.) at IF = 15 mA as
shown in Figure 9.
The curves in Figures 3, 4, and 5
are constructed assuming no
inline splice or any additional
system loss. Should the link
consists of any in-line splices,
these curves can still be used to
calculate link limits provided
they are shifted by the
additional system loss expressed
in dB. For example, Figure 3
indicates that with 48 mA of
transmitter drive current, a 1.75
km link distance is achievable
with 62.5/125 µm fiber which
has a maximum attenuation of 4
dB/km. With 2 dB of additional
system loss, a 1.25 km link
distance is still achievable.
Figure 2. Typical Circuit Configuration.
=
=
=
233
R
mA
15
I
1.5V
5V
V
V
R
1
F
F
CC
1
+5 V
SELECT R
1 TO SET IF
R
1
I
F
1 K
DATA IN
½ 75451
2
6
7
3
T
HFBR-14xx
TRANSMITTER
TRANSMISSION
DISTANCE =
HFBR-24x2
RECEIVER
R
TTL DATA OUT
2
6
7 & 3
R
L
V
CC
0.1 µF
NOTE:
IT IS ESSENTIAL THAT A BYPASS CAPACITOR (0.01 µF TO 0.1 µF
CERAMIC) BE CONNECTED FROM PIN 2 TO PIN 7 OF THE RECEIVER.
TOTAL LEAD LENGTH BETWEEN BOTH ENDS OF THE CAPACITOR
AND THE PINS SHOULD NOT EXCEED 20 MM.


Similar Part No. - HFBR-1415C

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-1415CZ BOARDCOM-HFBR-1415CZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-1415C

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com