Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M374S6453CTS-L7C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # M374S6453CTS-L7C
Description  M374S6453CTS PC133/PC100 Unbuffered SDRAM DIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M374S6453CTS-L7C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button M374S6453CTS-L7C Datasheet HTML 2Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 3Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 4Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 5Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 6Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 7Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 8Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 9Page - Samsung semiconductor M374S6453CTS-L7C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
PC133/PC100 Unbuffered DIMM
M374S6453CTS
REV. 0.1 Sept. 2001
3.3V
1200
870
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-7C
-7A
-1H
-1L
Row active to row active delay
tRRD(min)
15
15
20
20
ns
1
RAS to CAS delay
tRCD(min)
15
20
20
20
ns
1
Row precharge time
tRP(min)
15
20
20
20
ns
1
Row active time
tRAS(min)
45
45
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
60
65
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2, 5
Last data in to Active delay
tDAL(min)
2 CLK + tRP
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
1
Notes : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. In 100MHz and below 100MHz operating conditions, tRDL=1CLK and tDAL=1CLK + 20ns is also supported.
SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + tRP.


Similar Part No. - M374S6453CTS-L7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M374S6453ETS-C7A SAMSUNG-M374S6453ETS-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
M374S6453ETU-C7A SAMSUNG-M374S6453ETU-C7A Datasheet
486Kb / 26P
   SDRAM Unbuffered Module
More results

Similar Description - M374S6453CTS-L7C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
DS_M366S2953MTS SAMSUNG-DS_M366S2953MTS Datasheet
135Kb / 9P
   PC133/PC100 Unbuffered DIMM
M366S1723DTS SAMSUNG-M366S1723DTS Datasheet
146Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S6453CTS SAMSUNG-M366S6453CTS Datasheet
172Kb / 11P
   PC133/PC100 Unbuffered DIMM
M366S3323CT0 SAMSUNG-M366S3323CT0 Datasheet
66Kb / 7P
   PC100 Unbuffered DIMM
M366S1623DT0 SAMSUNG-M366S1623DT0 Datasheet
136Kb / 9P
   PC100 Unbuffered DIMM
M366S1623DT0-C7A SAMSUNG-M366S1623DT0-C7A Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M366S1623DT0-C75 SAMSUNG-M366S1623DT0-C75 Datasheet
154Kb / 10P
   PC133 Unbuffered DIMM
M390S2858CTU SAMSUNG-M390S2858CTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
M390S2858DTU SAMSUNG-M390S2858DTU Datasheet
244Kb / 12P
   PC133/PC100 Low Profile Registered DIMM
logo
Elpida Memory
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11