Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-14E5C Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HFBR-14E5C
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-14E5C Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HFBR-14E5C Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-14E5C Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Applications Support Guide
This section gives the designer
information necessary to use the
HFBR-0400 series components
to make a functional fiber optic
transceiver.
Agilent offers a wide selection of
evaluation kits for hands-on
experience with fiber optic
products as well as a wide range
of application notes complete
with circuit diagrams and board
layouts.
Furthermore, Agilent’s
application support group is
always ready to assist with any
design consideration.
Application Literature
Title
Description
HFBR-0400 Series Reliability Data
Transmitter & Receiver Reliability Data
Application Bulletin 78
Low Cost Fiber Optic Links for Digital Applications up to 155 MBd
Application Note 1038
Complete Fiber Solutions for IEEE 802.3 FOIRL, 10Base-FB and 10Base-FL
Application Note 1065
Complete Solutions for IEEE 802.5J Fiberoptic Token Ring
Application Note 1073
HFBR-0219 Test Fixture for 1x9 Fiber Optic Transceivers
Application Note 1086
Optical Fiber Interconnections in Telecommunication Products
Application Note 1121
DC to 32 MBd Fiberoptic Solutions
Application Note 1122
2 to 70 MBd Fiberoptic Solutions
Application Note 1123
20 to 160 MBd Fiberoptic Solutions
Application Note 1137
Generic Printed Circuit Layout Rules
Application Note 1383
Cost Effective Fiber and Media Conversion for 100Base-SX


Similar Part No. - HFBR-14E5C

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14E5CZ BOARDCOM-HFBR-14E5CZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-14E5C

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com