Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0834A Datasheet(PDF) 11 Page - Texas Instruments

Part # ADC0834A
Description  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0834A Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADC0834A Datasheet HTML 5Page - Texas Instruments ADC0834A Datasheet HTML 6Page - Texas Instruments ADC0834A Datasheet HTML 7Page - Texas Instruments ADC0834A Datasheet HTML 8Page - Texas Instruments ADC0834A Datasheet HTML 9Page - Texas Instruments ADC0834A Datasheet HTML 10Page - Texas Instruments ADC0834A Datasheet HTML 11Page - Texas Instruments ADC0834A Datasheet HTML 12Page - Texas Instruments ADC0834A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
11
TYPICAL CHARACTERISTICS
Vref – Reference Voltage – V
Vref – Reference Voltage – V
VCC = 5 V
fclock = 250 kHz
TA = 25°C
5
4
3
2
1
0
0.25
0.5
0.75
1
1.25
0
1.5
10
1
0.1
0.01
VI(+) = VI(–) = 0 V
0
2
4
6
8
10
12
14
16
UNADJUSTED OFFSET ERROR
vs
REFERENCE VOLTAGE
LINEARITY ERROR
vs
REFERENCE VOLTAGE
Figure 4
Figure 5
fclock – Clock Frequency – kHz
TA – Free-Air Tempertature – °C
25
°C
85
°C
Vref = 5 V
VCC = 5 V
600
500
400
300
200
100
3
2.5
2
1.5
1
0.5
0
0
Vref = 5 V
fclock = 250 kHz
100
75
50
25
0
–25
0.5
0.45
0.4
0.35
0.3
–50
0.25
LINEARITY ERROR
vs
FREE-AIR TEMPERATURE
LINEARITY ERROR
vs
CLOCK FREQUENCY
–40
°C
Figure 6
Figure 7


Similar Part No. - ADC0834A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0834 NSC-ADC0834 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0834 TI1-ADC0834 Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0834-N TI1-ADC0834-N Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0834BCJ NSC-ADC0834BCJ Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ADC0834BCN MICRO-LINEAR-ADC0834BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Similar Description - ADC0834A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com