Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0838A Datasheet(PDF) 9 Page - Texas Instruments

Part # ADC0838A
Description  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0838A Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC0838A Datasheet HTML 5Page - Texas Instruments ADC0838A Datasheet HTML 6Page - Texas Instruments ADC0838A Datasheet HTML 7Page - Texas Instruments ADC0838A Datasheet HTML 8Page - Texas Instruments ADC0838A Datasheet HTML 9Page - Texas Instruments ADC0838A Datasheet HTML 10Page - Texas Instruments ADC0838A Datasheet HTML 11Page - Texas Instruments ADC0838A Datasheet HTML 12Page - Texas Instruments ADC0838A Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PARAMETER
UNIT
TEST CONDITIONS
ns
tdos
tconv
tpd
CL = 100 pF
ns
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
9
operating characteristics V + = 5 V, fclock = 250 kHz, tr = tf = 20 ns, TA = 25°C (unless otherwise noted)
AI, AC SUFFIX
BI, BC SUFFIX
MIN
TYP
MAX
MIN
TYP
MAX
Supply-voltage variation error
VCC = 4.75 V to 5.25 V
±1/16
±1/4
±1/16
±1/4
LSB
Total unadjusted error (see Note 6)
Vref = 5 V,
TA = MIN to MAX
±1
±1/2
LSB
Common-mode error
Differential mode
±1/16
±1/4
±1/16
±1/4
LSB
Change in zero-error from VCC = 5 V to internal
zener diode operation (see Note 2)
II = 15 mA at V+ pin,
Vref = 5 V, VCC open
1
1
LSB
Propagation delay time, output
MSB-first data
650
1500
650
1500
data after CLK
↓, (see Note 7)
LSB-first data
250
600
250
600
Output disable time,
CL = 10 pF, RL = 10 kΩ
125
250
125
250
DO or SARS after CS
CL = 100 pF, RL = 2 kΩ
500
500
Conversion time (multiplexer addressing
time not included)
8
8
clock
periods
† All parameters are measured under open-loop conditions with zero common-mode input voltage. For conditions shown as MIN or MAX, use the
appropriate value specified under recommended operating conditions.
NOTES:2. Internal zener diodes are connected from the VCC input to ground and from the V+ input to ground. The breakdown voltage of each zener
diode is approximately 7 V. One zener diode can be used as a shunt regulator and connects to VCC through a regular diode. When
the voltage regulator powers the converter, this zener and regular diode combination ensures that the VCC input (6.4 V) is less than
the zener breakdown voltage. A series resistor is recommended to limit current into the V+ input.
6. Total unadjusted error includes offset, full-scale, linearity, and multiplexer errors.
7. The most significant bit (MSB) data is output directly from the comparator and therefore requires additional delay to allow for comparator response
time.
PARAMETER MEASUREMENT INFORMATION
50%
tsu
th
th
tsu
50%
VCC
GND
GND
GND
0.4 V
0.4 V
2 V
2 V
DI
0.4 V
CS
CLK
VCC
VCC
Figure 1. Data Input Timing


Similar Part No. - ADC0838A

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ADC0838 MICRO-LINEAR-ADC0838 Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0838 NSC-ADC0838 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0838 TI1-ADC0838 Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0838-N TI1-ADC0838-N Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ADC0838BCN MICRO-LINEAR-ADC0838BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Similar Description - ADC0838A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com