Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-14E2M Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-14E2M
Description  Components is Designed to Provide cost effective, High performance fiber optic communication links
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-14E2M Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-14E2M Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-14E2M Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Agilent HFBR-0400, HFBR-14xx and
HFBR-24xx Series Low Cost, Miniature
Fiber Optic Components with ST®,
SMA, SC and FC Ports
Data Sheet
Description
The HFBR-0400 Series of
components is designed to
provide cost effective, high
performance fiber optic
communication links for
information systems and
industrial applications with link
distances of up to 2.7
kilometers. With the HFBR-24x6,
the 125 MHz analog receiver,
data rates of up to 160
megabaud are attainable.
Transmitters and receivers are
directly compatible with popular
“industry-standard” connectors:
ST®, SMA, SC and FC. They are
completely specified with
multiple fiber sizes; including
50/125 µm, 62.5/125 µm, 100/
140 µm, and 200 µm.
The HFBR-14x4 high power
transmitter and HFBR-24x6 125
MHz receiver pair up to provide
a duplex solution optimized for
100 Base-SX. 100Base-SX is a
Fast Ethernet Standard (100
Mbps) at 850 nm on multimode
fiber.
Complete evaluation kits are
available for ST product
offerings; including transmitter,
receiver, connectored cable, and
technical literature. In addition,
ST connectored cables are
available for evaluation.
Features
Meets IEEE 802.3 Ethernet and
802.5 Token Ring Standards
Meets TIA/EIA-785 100Base-SX
standard
Low Cost Transmitters and
Receivers
Choice of ST®, SMA, SC or FC
Ports
820 nm Wavelength Technology
Signal Rates up to 160 MBd
Link Distances up to 2.7 km
Specified with 50/125 µm, 62.5/
125 µm, 100/140 µm, and 200 µm
HCS® Fiber
Repeatable ST Connections within
0.2 dB Typical
Unique Optical Port Design for
Efficient Coupling
Auto-Insertable and Wave
Solderable
No Board Mounting Hardware
Required
Wide Operating Temperature
Range -40 °C to +85 °C
AlGaAs Emitters 100% Burn-In
Ensures High Reliability
Conductive Port Option
Applications
100Base-SX Fast Ethernet on 850
nm
Media/fiber conversion, switches,
routers, hubs and NICs on
100Base-SX
Local Area Networks
Computer to Peripheral Links
Computer Monitor Links
Digital Cross Connect Links
Central Office Switch/PBX Links
Video Links
Modems and Multiplexers
Suitable for Tempest Systems
Industrial Control Links
ST® is a registered trademark of AT&T.
HCS® is a registered trademark of the SpecTran Corporation.


Similar Part No. - HFBR-14E2M

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14E2MZ BOARDCOM-HFBR-14E2MZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
More results

Similar Description - HFBR-14E2M

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
3GHZ EMCORE-3GHZ Datasheet
983Kb / 6P
   Fiber Optic Links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Emcore Corporation
5100 EMCORE-5100 Datasheet
1Mb / 5P
   L-Band Fiber Optic Links
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
Emcore Corporation
8000A EMCORE-8000A Datasheet
387Kb / 19P
   System 8000 Fiber-Optic Interfacility Links
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
National Semiconductor ...
LM3753 NSC-LM3753_1 Datasheet
1Mb / 20P
   Evaluation Board evaluation board is designed to provide
LM5027A NSC-LM5027A Datasheet
584Kb / 28P
   Evaluation Board evaluation board is designed to provide
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
HFX6015 ETC1-HFX6015 Datasheet
700Kb / 3P
   Fiber Optic LAN Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com