Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC0834 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC0834
Description  A/D PERIPHERALS WITH SERIAL CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC0834 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC0834 Datasheet HTML 4Page - Texas Instruments ADC0834 Datasheet HTML 5Page - Texas Instruments ADC0834 Datasheet HTML 6Page - Texas Instruments ADC0834 Datasheet HTML 7Page - Texas Instruments ADC0834 Datasheet HTML 8Page - Texas Instruments ADC0834 Datasheet HTML 9Page - Texas Instruments ADC0834 Datasheet HTML 10Page - Texas Instruments ADC0834 Datasheet HTML 11Page - Texas Instruments ADC0834 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Standby input current (see Note 4)
µA
II(stdby)
ADC0834A, ADC0838A, ADC0834B, ADC0838B
A/D PERIPHERALS WITH SERIAL CONTROL
SLAS007 – AUGUST 1985 – REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
8
electrical
characteristics
over
recommended
range
of
operating
free-air
temperature,
VCC = V + = 5 V, fclock = 250 kHz (unless otherwise noted) (continued)
analog and converter section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
– 0.05
VICR
Common-mode input voltage range
See Note 3
to
V
VCC+ 0.05
On-channel
VI = 5 V
1
Off-channel
VI = 0
–1
On-channel
VI = 0
–1
Off–channel
VI = 5 V
1
ri(REF)
Input resistance to reference ladder
1.3
2.4
5.9
k
total device
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VZ
Internal zener diode breakdown voltage
II = 15 mA at V+ pin, See Note 2
6.3
7
8.5
V
ICC
Supply current
1
2.5
mA
† All parameters are measured under open-loop conditions with zero common-mode input voltage.
‡ All typical values are at VCC = 5 V, V+ = 5 V, TA = 25°C.
NOTES:
4. Internal zener diodes are connected from the VCC input to ground and from the V+ input to ground. The breakdown voltage of each
zener diode is approximately 7 V. One zener diode can be used as a shunt regulator and connects to VCC through a regular diode.
When the voltage regulator powers the converter, this zener and regular diode combination ensures that the VCC input (6.4 V) is less
than the zener breakdown voltage. A series resistor is recommended to limit current into the V+ input.
5. If channel IN– is more positive than channel IN+, the digital output code will be 0000 0000. Connected to each analog input are two
on-chip diodes that conduct forward current for analog input voltages one diode drop above VCC .Care must be taken during testing
at low VCC levels (4.5 V) because high-level analog input voltage (5 V) can, especially at high temperatures, cause this input diode
to conduct and cause errors for analog input s that are near full-scale. As long as the analog voltage does not exceed the supply
voltage by more than 50 mV, the output code will be correct. To achieve an absolute 0 V to 5 V input voltage range requires a minimum
VCC of 4.950 V for all variations of temperature and load.
6. Standby input currents are currents going into or out of the on or off channels when the A/D converter is not performing conversion
and the clock is in a high or low steady-state condition.


Similar Part No. - ADC0834

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC0834 NSC-ADC0834 Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0834 TI1-ADC0834 Datasheet
797Kb / 35P
[Old version datasheet]   ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0834-N TI1-ADC0834-N Datasheet
2Mb / 41P
[Old version datasheet]   ADC0831-N/ADC0832-N/ADC0834-N/ADC0838-N 8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0834BCJ NSC-ADC0834BCJ Datasheet
755Kb / 33P
   8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Micro Linear Corporatio...
ADC0834BCN MICRO-LINEAR-ADC0834BCN Datasheet
410Kb / 26P
   Serial I/O 8-Bit A/D Converters with Multiplexer Options
More results

Similar Description - ADC0834

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC0831B TI-ADC0831B Datasheet
151Kb / 9P
[Old version datasheet]   A/D PERIPHERALS WITH SERIAL CONTROL
logo
Exar Corporation
MP7610 EXAR-MP7610 Datasheet
571Kb / 16P
   D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
MC145040 MOTOROLA-MC145040 Datasheet
298Kb / 9P
   8-Bit A/D Converters With Serial Interface
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040_08 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145050 LANSDALE-ML145050_08 Datasheet
209Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
Rohm
BD8105FV ROHM-BD8105FV Datasheet
331Kb / 6P
   A serial control LED driver for car
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com