Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111VI-50TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

Part # CAT5111VI-50TE13
Description  100-Tap Digitally Programmable Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111VI-50TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

  CAT5111VI-50TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5111VI-50TE13 Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
Doc. No. 2009, Rev. R
CAT5113
ORDERING INFORMATION
Notes:
(1) The device used in the above example is a CAT5113 SI-10TE13 (SOIC, 10K Ohms, Industrial Temperature, Tape & Reel)
Prefix
Device #
Suffix
5113
Product Number
CAT
Optional
Company ID
I
TE13
Tape & Reel
TE13
SOIC: 2000/Reel
TSSOP: 2000/Reel
MSOP: 2500/Reel
-10
Resistance
-01: 1kohms
-10: 10kohms
-50: 50kohms
-00: 100kohms
5111: Buffered
5113: Unbuffered
S
Package
P: PDIP
S: SOIC
U: TSSOP
R: MSOP
L: PDIP (Lead free, Halogen free)
V: SOIC (Lead free, Halogen free)
Y: TSSOP (Lead free, Halogen free)
Z: MSOP (Lead free, Halogen free)


Similar Part No. - CAT5111VI-50TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111VI-50TSSOP CATALYST-CAT5111VI-50TSSOP Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
More results

Similar Description - CAT5111VI-50TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com