Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB39T51 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB39T51
Description  Slotted Op ti cal Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB39T51 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB39T51 Datasheet HTML 1Page - OPTEK Technologies OPB39T51 Datasheet HTML 2Page - OPTEK Technologies OPB39T51 Datasheet HTML 3Page - OPTEK Technologies OPB39T51 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
0.125" (3.18 mm) wide gap
24" minimum, 26 AWG wire leads
Choice of aperture
Choice of opaque or IR transmissive
shell material
Choice of mounting configuration
Choice of lead spacing
Description
The OPB380/390 series of slotted
switches provides the design engineer
with the flexibility of a custom device
from a standard product line. Building
from a standard housing with a 0.125"
(3.18 mm) wide slot, the user can specify
(1) electrical output parameters, (2)
mounting tab configuration, (3) discrete
shell material, and (4) aperture width.
All housings are an opaque grade of
injection-molded plastic to minimize the
assembly's sensitivity to ambient
radiation, both visible and near-infrared.
Discrete shells (exposed only on the
parallel faces inside the device throat)
are either IR transmissive plastic for
applications where aperture
contamination may occur or opaque
plastic with aperture openings for
maximum protection against ambient
light.
Replaces/Upgrades
OPB880/OPB890 Series
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage and Operating Temperature Range . . . . . . . . . . . . . . . . . -40
o C to +80o C(1)
Input Diode
Forward DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
Peak Forward Current (1
µs pulse width, 300 pps) . . . . . . . . . . . . . . . . . . . . . . . 3.0 A
Reverse DC Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.0 V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Output Phototransistor
Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V
Emitter-Collector Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0 V
Collector DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW
(1)
Notes:
(1) Derate linearly 1.82 mW/
o C above 25o C (Maximum storage and operating temperature is
limited by the temperature rating of the lead wires)
(2) All parameters tested using pulse technique.
(3) The OPB380/OPB390 wire terminations are 24" of 7 strand, 26 AWG, UL 1429 insulated wire
on each terminal. The devices incorporate a wire strain relief at the housing surface. The
insulation colors and functions are:
RED - IRED Anode
WHITE - Phototransistor Collector
BLACK - IRED Cathode
GREEN - Phototransistor Emitter
Other wire lengths and/or colors are available. Contact your local representative or call the
factory.
Product Bulletin OPB380
August 1996
Slotted Optical Switches
Types OPB380, OPB390 Series
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
12-12
January 2005
UL1061


Similar Part No. - OPB39T51

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB390 OPTEK-OPB390 Datasheet
538Kb / 10P
   Slotted Optical Switch
logo
TT Electronics.
OPB390 TTELEC-OPB390 Datasheet
319Kb / 11P
   Slotted Optical Switch
logo
List of Unclassifed Man...
OPB390 ETC-OPB390 Datasheet
484Kb / 10P
   Slotted Optical Switch
OPB390 ETC-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
OPB390 ETC2-OPB390 Datasheet
479Kb / 10P
   Slotted Optical Switch
More results

Similar Description - OPB39T51

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB360 OPTEK-OPB360 Datasheet
1Mb / 4P
   Slotted Op ti cal Switches
OPB821TX OPTEK-OPB821TX Datasheet
141Kb / 2P
   Hi- Rel Slot ted Op ti cal Switches
OPB355 OPTEK-OPB355 Datasheet
201Kb / 3P
   Slotted Op tical Switches
OPB815L OPTEK-OPB815L Datasheet
367Kb / 2P
   Deep Gap Slot ted Op ti cal Switch
OPB917B OPTEK-OPB917B Datasheet
158Kb / 3P
   Photologic창 Slotted Op tical Switches Type OPB917 Series
OPB816 OPTEK-OPB816 Datasheet
47Kb / 2P
   Slotted Op tical Switch
OPB817 OPTEK-OPB817 Datasheet
107Kb / 2P
   Slotted Op tical Switch
OPB819 OPTEK-OPB819 Datasheet
102Kb / 2P
   Slotted Op tical Switch
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com