Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPW7095 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HPW7095
Description  6-Channel DC/DC Converter Control IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HPW7095 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HPW7095 Datasheet HTML 1Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 2Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 3Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 4Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 5Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 6Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 7Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 8Page - List of Unclassifed Manufacturers HPW7095 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev. A.2 - July., 2004
HPW7095/A
3
 Copyright HIPAC Semiconductor, Inc.
www.hipacsemi.com
Pin Description (Cont.)
PIN
No.
Nam e
I/O
DESCRIPTION
7
FB5
O
CH5 Error Amplifier Output Pin.
8
IN5
I
CH5 Inverted Input Pin of Error Amplifier.
9
INA4
I
CH4 Inverting Am plifier Input Pin.
10
OUTA4
O
CH4 Inverting Am plifier Output Pin.
Connect this pin to INA4 when the inverting amplifier is not used.
11
FB4
O
CH4 Error Amplifier Output Pin.
12
IN4
I
CH4 Inverted Input Pin of Error Amplifier.
13
INS4
I
CH4 Inverted Input Pin of Short Detection Com parator.
14
DTC4
I
CH4 Dead Tim e Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
15
CS
-
CH1 to CH5 Soft-Start Capacitor Connection Pin.
Leave this pin “Open” to disable the soft-start function.
16
VREF
O
Reference Voltage Output Pin.
17
GND
P
Reference Voltage and Control Circuit Ground Pin.
18
CSCP
-
Short-Circuit Detection Capacitor Connection Pin.
Connect this pin to GND with the shortest distance to disable the timer-latch
short-circuit protection circuit.
19
VCC
P
Reference Voltage and Control Circuit Power Supply Pin.
20
CTL
I
Power Supply and CH6 Control Pin.
“H” Level : Operation Mode.
“L” Level : Standby Mode
21
CTL1,2
I
CH1 and CH2 Control Pin.
“H” Level : Operation Mode.
“L” Level : OFF Mode
22
CTL3
I
CH3 Control Pin.
“H” Level : Operation Mode.
“L” Level : OFF Mode
23
CTL4
I
CH4 Control Pin.
“H” Level : Operation Mode.
“L” Level : OFF Mode
24
CTL5
I
CH5 Control Pin.
“H” Level : Operation Mode.
“L” Level : OFF Mode
25
RT
-
Oscillator Frequency Setting Resistor Connection Pin.
26
CT
-
Oscillator Frequency Setting Capacitor Connection Pin.
27
VB
O
Triangular W ave Oscillator Regulator Output Pin.
28
IN3
I
CH3 Inverted Input Pin of Error Amplifier.
29
FB3
O
CH3 Error Amplifier Output Pin.
30
DTC3
I
CH3 Dead Tim e Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
31
IN2
I
CH2 Inverted Input Pin of Error Amplifier.
32
FB2
O
CH2 Error Amplifier Output Pin.
33
DTC2
I
CH2 Dead Tim e Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
34
IN1
I
CH1 Inverted Input Pin of Error Amplifier.
35
FB1
O
CH1 Error Amplifier Output Pin.
36
DTC1
I
CH1 Dead Tim e Control Pin.
Connect this pin to VREF directly when the dead-time control is not used.
37
OUT1-1
O
CH1 Main-side MOSFET Drive Pin. Connect OUT1-1 to the m ain MOSFET.
38
OUT1-2
O
CH1 MOSFET Drive Pin for Synchronous Rectifier.
39
OUT2-1
O
CH2 Main-side MOSFET Drive Pin.
APW 7095 : Drive a p-channel MOSFET for a step-down converter.
APW 7095A : Drive an n-channel MOSFET for a step-up converter.
40
OUT2-2
O
CH2 MOSFET Drive Pin for Synchronous Rectifier


Similar Part No. - HPW7095

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
HPW OHMITE-HPW Datasheet
310Kb / 2P
   High Precision Welded Axial and Radial
logo
Samtec, Inc
HPW SAMTEC-HPW Datasheet
561Kb / 2P
   FLEXIBLE POWER SYSTEMS
logo
EUROQUARTZ limited
HPW14 EUROQUARTZ-HPW14 Datasheet
209Kb / 1P
   14 pin Dual-in-Line
HPW576 EUROQUARTZ-HPW576 Datasheet
379Kb / 1P
   7x5mm SMD 6 pad
HPW62 EUROQUARTZ-HPW62 Datasheet
231Kb / 1P
   11.4 x 9.6mm SMD 6 pad
More results

Similar Description - HPW7095

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7095 ANPEC-APW7095_08 Datasheet
436Kb / 23P
   6-Channel DC/DC Converter Control IC
APW7095 ANPEC-APW7095 Datasheet
780Kb / 23P
   6-Channel DC/DC Converter Control IC
logo
NEC
UPC1934 NEC-UPC1934 Datasheet
140Kb / 20P
   DC-DC CONVERTER CONTROL IC
UPC1935 NEC-UPC1935 Datasheet
185Kb / 28P
   DC-DC CONVERTER CONTROL IC
UPC1933 NEC-UPC1933 Datasheet
119Kb / 5P
   DC-DC CONVERTER CONTROL IC
logo
New Japan Radio
NJM2360 NJRC-NJM2360 Datasheet
272Kb / 9P
   DC/DC CONVERTER CONTROL IC
logo
Renesas Technology Corp
PD16907 RENESAS-PD16907_15 Datasheet
411Kb / 24P
   6-CHANNEL DC-DC CONVERTER CONTROLER IC
logo
Aimtron Technology
AT1393 AIMTRON-AT1393 Datasheet
724Kb / 22P
   6-Channel DC-DC Converter IC for DSC
logo
SHENZHEN FUMAN ELECTRON...
TC34083 FUMAN-TC34083 Datasheet
153Kb / 3P
   Step-down DC-DC converter control IC
TC34053 FUMAN-TC34053 Datasheet
120Kb / 2P
   Step-down DC-DC converter control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com