Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2630S Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL-2630S
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2630S Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL-2630S Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2630S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
July 2005
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Single-channel: 6N137, HCPL-2601, HCPL-2611
Dual-Channel: HCPL-2630, HCPL-2631
High Speed-10 MBit/s Logic Gate Optocouplers
Features
Very high speed-10 MBit/s
Superior CMR-10 kV/µs
Double working voltage-480V
Fan-out of 8 over -40°C to +85°C
Logic gate output
Strobable output
Wired OR-open collector
U.L. recognized (File # E90700)
Applications
■ Ground loop elimination
■ LSTTL to TTL, LSTTL or 5-volt CMOS
■ Line receiver, data transmission
■ Data multiplexing
■ Switching power supplies
■ Pulse transformer replacement
■ Computer-peripheral interface
Description
The 6N137, HCPL-2601/2611 single-channel and HCPL-2630/
2631 dual-channel optocouplers consist of a 850 nm AlGaAS
LED, optically coupled to a very high speed integrated photo-
detector logic gate with a strobable output. This output features
an open collector, thereby permitting wired OR outputs. The
coupled parameters are guaranteed over the temperature range
of -40°C to +85°C. A maximum input signal of 5 mA will provide
a minimum output sink current of 13mA (fan out of 8).
An internal noise shield provides superior common mode rejec-
tion of typically 10kV/µs. The HCPL- 2601 and HCPL- 2631 has
a minimum CMR of 5 kV/µs. The HCPL-2611 has a minimum
CMR of 10 kV/µs.
PackageSchematic
Truth Table (Positive Logic)
A 0.1µF bypass capacitor must be connected between pins 8 and 5. (See note 1)
8
8
1
8
1
1
1
2
3
4
5
6
7
8
N/C
_
V
CC
V
E
V
O
GND
+
N/C
V
F
1
2
3
4
5
6
7
8
+
_
V
F1
V
CC
V
01
V
02
GND
V
F2
_
+
HCPL-2630
HCPL-2631
6N137
HCPL-2601
HCPL-2611
Input
Enable
Output
H
H
L
L
H
H
H
L
H
L
L
H
H
NC
L
L
NC
H


Similar Part No. - HCPL-2630S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2630S FAIRCHILD-HCPL-2630S Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2630SD FAIRCHILD-HCPL-2630SD Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2630SDV FAIRCHILD-HCPL-2630SDV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2630SV FAIRCHILD-HCPL-2630SV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL-2630S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com