Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2601W Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # HCPL-2601W
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2601W Datasheet(HTML) 3 Page - Fairchild Semiconductor

  HCPL-2601W Datasheet HTML 1Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Electrical Characteristics (TA = 0 to 70°C Unless otherwise specified)
Individual Component Characteristics
Switching Characteristics (TA = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA Unless otherwise specified)
Parameter
Test Conditions
Symbol
Min
Typ**
Max
Unit
EMITTER
(IF = 10mA)
VF
1.8
V
Input Forward Voltage
TA = 25°C
1.4
1.75
Input Reverse Breakdown Voltage
(IR = 10µA)
BVR
5.0
V
Input Capacitance
(VF = 0, f = 1 MHz)
CIN
60
pF
Input Diode Temperature Coefficient
(IF = 10mA)
∆VF/∆TA
-1.4
mV/°C
DETECTOR
High Level Supply Current
Single Channel
(VCC = 5.5 V, IF = 0 mA)
ICCH
710
mA
Dual Channel
(VE = 0.5V)
10
15
Low Level Supply Current
Single Channel
(VCC = 5.5 V, IF = 10 mA)
ICCL
913
mA
Dual Channel
(VE = 0.5V)
14
21
Low Level Enable Current
(VCC = 5.5 V, VE = 0.5V)
IEL
-0.8
-1.6
mA
High Level Enable Current
(VCC = 5.5 V, VE = 2.0V)
IEH
-0.6
-1.6
mA
High Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA)
VEH
2.0
V
Low Level Enable Voltage
(VCC = 5.5 V, IF = 10 mA)(Note 3)
VEL
0.8
V
AC Characteristics
Test Conditions Symbol
Min
Typ**
Max
Unit
Propagation Delay Time
to Output High Level
(Note 4) (TA = 25°C)
TPLH
20
45
75
ns
(RL = 350Ω, CL = 15 pF) (Fig. 12)
100
Propagation Delay Time
to Output Low Level
(Note 5) (TA = 25°C)
TPHL
25
45
75
ns
(RL = 350Ω, CL = 15 pF) (Fig. 12)
100
Pulse Width Distortion
(RL = 350Ω, CL = 15 pF) (Fig. 12)
|TPHL-
TPLH|
335
ns
Output Rise Time
(10-90%)
(RL = 350Ω, CL = 15 pF)
(Note 6) (Fig. 12)
tr
50
ns
Output Rise Time
(90-10%)
(RL = 350Ω, CL = 15 pF)
(Note 7) (Fig. 12)
tf
12
ns
Enable Propagation Delay
Time to Output High Level
(IF = 7.5 mA, VEH = 3.5 V)
(RL = 350Ω, CL = 15 pF) (Note 8) (Fig. 13)
tELH
20
ns
Enable Propagation Delay
Time to Output Low Level
(IF = 7.5 mA, VEH = 3.5 V)
(RL = 350Ω, CL = 15 pF) (Note 9) (Fig. 13)
tEHL
20
ns
Common Mode Transient
Immunity (at Output High
Level)
(TA = 25°C) |VCM| = 50V, (Peak)
(IF = 0 mA, VOH (Min.) = 2.0V)
|CMH|
V/µs
6N137, HCPL-2630
HCPL-2601, HCPL-2631
(RL = 350Ω) (Note 10)
(Fig. 14)
5000
10,000
10,000
HCPL-2611
|VCM| = 400V
10,000 15,000
Common Mode Transient
Immunity (at Output Low
Level)
(RL = 350Ω) (IF = 7.5 mA, VOL (Max.) = 0.8V
|CML|
10,000
V/µs
6N137, HCPL-2630
|VCM| = 50V (Peak)
HCPL-2601, HCPL-2631 (TA = 25°C)(Note 11)(Fig. 14)
5000
10,000
HCPL-2611(TA = 25°C)
|VCM| = 400V
10,000 15,000


Similar Part No. - HCPL-2601W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601W FAIRCHILD-HCPL-2601W Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601WV FAIRCHILD-HCPL-2601WV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL-2601W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com