Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-2601W Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HCPL-2601W
Description  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-2601W Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HCPL-2601W Datasheet HTML 2Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 3Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 4Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 5Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 6Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 7Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 8Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 9Page - Fairchild Semiconductor HCPL-2601W Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.fairchildsemi.com
Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3
Fig. 7 Pulse Width Distortion vs. Temperature
TA - Temperature (
°C)
TA - Temperature (
°C)
TA - Temperature (
°C)
TA - Temperature (
°C)
TA - Temperature (
°C)
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
-60
-40
-20
0
20
40
60
80
100
RL = 4 k
RL = 1 k
RL = 350
F
Conditions:
I = 7.5 mA
VCC = 5 V
Fig. 8 Rise and Fall Time vs. Temperature
L
R = 4 k
Ω (tr)
Conditions:
IF = 7.5 mA
VCC = 5 V
RL = 1 k
Ω (tr)
RL = 350
Ω (tr)
RL = 1 k
RL = 4 k
(tf)
RL = 350
Fig. 9 Enable Propagation Delay vs. Temperature
RL = 4 k
Ω (TELH)
RL = 1 k
Ω (TELH)
RL = 350
Ω (TELH)
RL = 350
RL = 1 k
RL = 4 k
(TEHL)
Fig. 10 Switching Time vs. Temperature
RL = 1 k
Ω TPLH
RL = 350
Ω TPLH
RL = 4 k
Ω TPLH
RL = 1 k
RL = 4 k
RL = 350
TPHL
Fig. 11 High Level Output Current
vs. Temperature
VCC = 5.5 V
Conditions:
VO = 5.5 V
VE = 2.0 V
IF = 250
µA
0
20
40
60
80
0
100
200
300
400
500
600
0
20
40
60
80
100
120
20
40
60
80
100
120
0
5
10
15
20


Similar Part No. - HCPL-2601W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601W FAIRCHILD-HCPL-2601W Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-2601WV FAIRCHILD-HCPL-2601WV Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL-2601W

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
QT Optoelectronics
6N137 QT-6N137 Datasheet
171Kb / 10P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com