Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH240DBR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVTH240DBR
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH240DBR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVTH240DBR Datasheet HTML 7Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 8Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 9Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 10Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 11Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 12Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 13Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 14Page - Texas Instruments SN74LVTH240DBR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MECHANICAL DATA
MPBG133C – APRIL 2000 – REVISED AUGUST 2002
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
GQN (R-PBGA-N20)
PLASTIC BALL GRID ARRAY
M
0,05
0,08
4200704/D 07/2002
3,90
4,10
3,10
2,90
1,00 MAX
0,35
0,45
1
Seating Plane
1,95 TYP
A
2,60
2
3
4
B
C
D
E
0,15
0,25
0,325
0,65
A1 Corner
Bottom View
20
×
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. MicroStar Junior
t configuration
D. Falls within JEDEC MO-225 variation BC.
E. This package is tin-lead (SnPb). Refer to the 20 ZQN package (drawing 4204492) for lead-free.
MicroStar Junior is a trademark of Texas Instruments.


Similar Part No. - SN74LVTH240DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH240DBR TI-SN74LVTH240DBR Datasheet
952Kb / 22P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVTH240DBR TI1-SN74LVTH240DBR Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTH240DBRE4 TI-SN74LVTH240DBRE4 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-V ABT OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH240DBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com