Electronic Components Datasheet Search |
|
TLV431BLPRAG Datasheet(PDF) 9 Page - ON Semiconductor |
|
TLV431BLPRAG Datasheet(HTML) 9 Page - ON Semiconductor |
9 / 14 page TLV431A, TLV431B http://onsemi.com 9 Figure 28. Voltage Monitor Figure 29. Single−Supply Comparator with Temperature−Compensated Threshold Figure 30. Linear Ohmmeter Figure 31. Simple 400 mW Phono Amplifier Lower limit + 1 ) R1 R2 Vref L.E.D. indicator is ‘ON’ when Vin is between the upper and lower limits, Upper limit + 1 ) R3 R4 Vref Vin Vout tVref V+ ≈ 0.74 V uVref LED R1 R2 R3 R4 Vin V+ Vout Vin 10 k Calibrate − + 25 V −5.0 V Vout 25 V 2.0 mA 5 k 1% 50 k 1% 1.0 M 1% Range Rx 1N5305 1.0 kW V 1.0 MW V 10 kW V 500 k 1% 100 kW V 360 k 56 k 10 k 330 T1 8.0 W 38 V 470 mF 1.0 mF 0.05 mF + 25 k Volume 47 k T1 = 330 W to 8.0 W Rx + Vout D W V Range * Thermalloy * THM 6024 * Heatsink on * LP Package. * Tone |
Similar Part No. - TLV431BLPRAG |
|
Similar Description - TLV431BLPRAG |