Electronic Components Datasheet Search |
|
TLC2274AINE4 Datasheet(PDF) 9 Page - Texas Instruments |
|
TLC2274AINE4 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 64 page TLC227x, TLC227xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS190G − FEBRUARY 1997 − REVISED MAY 2004 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2272C operating characteristics at specified free-air temperature, VDD± = ±5 V PARAMETER TEST CONDITIONS TA† TLC2272C TLC2272AC UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT Slew rate at VO = ± 2.3 V, RL = 10 kΩ, 25 °C 2.3 3.6 2.3 3.6 SR Slew rate at unity gain VO = ± 2.3 V, CL = 100 pF RL = 10 kΩ, Full 1.7 1.7 V/ µs SR unity gain CL = 100 pF Full range 1.7 1.7 V/ µs Vn Equivalent input f = 10 Hz 25 °C 50 50 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 9 9 nV/ √Hz VNPP Peak-to-peak equivalent input f = 0.1 Hz to 1 Hz 25 °C 1 1 V VNPP equivalent input noise voltage f = 0.1 Hz to 10 Hz 25 °C 1.4 1.4 µV In Equivalent input noise current 25 °C 0.6 0.6 fA/ √Hz Total harmonic VO = ± 2.3 V, AV = 1 0.0011% 0.0011% THD + N Total harmonic distortion pulse duration VO = ± 2.3 V, f = 20 kHz, R = 10 k AV = 10 25 °C 0.004% 0.004% THD + N distortion pulse duration f = 20 kHz, RL = 10 kΩ AV = 100 25 C 0.03% 0.03% Gain-bandwidth f = 10 kHz, RL = 10 kΩ, 25 °C 2.25 2.25 MHz Gain-bandwidth product f = 10 kHz, CL = 100 pF RL = 10 kΩ, 25 °C 2.25 2.25 MHz BOM Maximum output- VO(PP) = 4.6 V, AV = 1, 25 °C 0.54 0.54 MHz BOM Maximum output- swing bandwidth VO(PP) = 4.6 V, RL = 10 kΩ, AV = 1, CL = 100 pF 25 °C 0.54 0.54 MHz AV = − 1, To 0.1% 1.5 1.5 ts Settling time AV = − 1, Step = − 2.3 V to 2.3 V, To 0.1% 25 °C 1.5 1.5 s ts Settling time Step = − 2.3 V to 2.3 V, RL = 10 kΩ, To 0.01% 25 °C 3.2 3.2 µs s RL = 10 kΩ, CL = 100 pF To 0.01% 3.2 3.2 φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 52 ° 52 ° Gain margin RL = 10 kΩ, CL = 100 pF 25 °C 10 10 dB † Full range is 0°C to 70°C. |
Similar Part No. - TLC2274AINE4 |
|
Similar Description - TLC2274AINE4 |