Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1593 Datasheet(PDF) 4 Page - Motorola, Inc

Part # AN1593
Description  LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

AN1593 Datasheet(HTML) 4 Page - Motorola, Inc

  AN1593 Datasheet HTML 1Page - Motorola, Inc AN1593 Datasheet HTML 2Page - Motorola, Inc AN1593 Datasheet HTML 3Page - Motorola, Inc AN1593 Datasheet HTML 4Page - Motorola, Inc AN1593 Datasheet HTML 5Page - Motorola, Inc AN1593 Datasheet HTML 6Page - Motorola, Inc AN1593 Datasheet HTML 7Page - Motorola, Inc AN1593 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN1593
4
MOTOROLA ANALOG IC APPLICATIONS INFORMATION
Figure 3. Low Cost Switching Regulator Performs Constant–Current/Constant–Voltage 3 Cell Charging Function.
Version with Full Short–Circuit Regulation Control Capability.
R4
1.0 k
W
L1
400
mH
D1
1N5819
C2
330
mF/16 V
ON/OFF
Control
(from Controller)
+
+
+Vin
ON/OFF
R3
27
W
R2
39
W
R1
10 k
W
C3
33 nF
RS
0.22
W
3 Battery Cells
Under Charge
Charge Current
Control
(from Controller)
–VO
+VO
+
U1
LM2575–ADJ
U2
MC33341
Gnd
C1
100
mF/50 V
Feedback
Output
1
2
4
5
3
D2
1
24
5
3
6
7
8
S1
1
2
A
R5
560
W
R6
100
W
D3
1N4001
1N4745A
Threshold Voltage
Control
(from Controller)
S2
1
2
C4
680 nF
Unregulated
DC – Input
Vin = 10 to 40 V
+
Gnd
Figure 4. Constant–Voltage/Constant–Current Charging Characteristic
of the Improved Current Source for Battery Chargers
IO, OUTPUT CURRENT (A)
0.4
0
0.2
0.6
0.8
1.0
0
1
2
3
4
5
6
Figure 4 shows the V/I charging characteristic of the
improved circuit (see schematic in Figure 3). The small
voltage drop in the beginning of the V/I characteristic is
caused by dynamic resistance of the diode D2. This
phenomenon can be eliminated either by reconnection of the
resistor R2 from the point “A” to the cathode of the diode D2,
or this diode might be replaced by shorting wire. Both actions
would cause also another effect on the V/I characteristic of
this circuit. When the output voltage drops below
approximately 1.2 V, the output current will fall down
accordingly, thus creating a typical “foldback” V/I
characteristic.


Similar Part No. - AN1593

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1596 STMICROELECTRONICS-AN1596 Datasheet
317Kb / 24P
   Today?셲 automotive market requires a continuous increasing
AN1599 STMICROELECTRONICS-AN1599 Datasheet
788Kb / 20P
   VIPower: STAND-BY SMPS DEMOBOARD WITH VIPer12A
November 2003
More results

Similar Description - AN1593

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
logo
STMicroelectronics
TSM1014 STMICROELECTRONICS-TSM1014 Datasheet
142Kb / 10P
   Low Consumption Voltage and Current Controller for Battery Chargers and Adaptors
TSM1012AID STMICROELECTRONICS-TSM1012AID Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012IDT STMICROELECTRONICS-TSM1012IDT Datasheet
125Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
TSM1012 STMICROELECTRONICS-TSM1012 Datasheet
114Kb / 8P
   LOW CONSUMPTION VOLTAGE AND CURRENT CONTROLLER FOR BATTERY CHARGERS AND ADAPTORS
AN2389 STMICROELECTRONICS-AN2389 Datasheet
148Kb / 16P
   An MCU-based low cost non-inverting buck-boost converter for battery chargers
logo
Unisonic Technologies
UC34363 UTC-UC34363_14 Datasheet
134Kb / 4P
   BATTERY CHARGERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com