Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL6140NA Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # SL6140NA
Description  400MHZ WIDEBAND AGC AMPLIFIER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SL6140NA Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  SL6140NA Datasheet HTML 1Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 2Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 3Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 4Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 5Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 6Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 7Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 8Page - Zarlink Semiconductor Inc SL6140NA Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SL6140
Figure 3 - Full Circuit Diagram of SL6140
2.1k
1.1k
1.1k
5k
5k
5.6k
1.4k
7k
12.1k
470
X 2
1.9k
200
2.8k
2.8k
200
200
180
470
470
180
70
2k
66
45
1
8
2
3
7
6
4
5
SUBSTRATE
GROUND
OUTPUT
OUTPUT
VCC
AGC
I/P
INPUT
INPUT


Similar Part No. - SL6140NA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6140NA MITEL-SL6140NA Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
More results

Similar Description - SL6140NA

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SL6140 MITEL-SL6140 Datasheet
171Kb / 10P
   400MHz Wideband AGC Amplifier
logo
TriQuint Semiconductor
TGA1342-SCC TRIQUINT-TGA1342-SCC_15 Datasheet
119Kb / 7P
   2 20 GHz Wideband AGC Amplifier
TGA1342 TRIQUINT-TGA1342 Datasheet
124Kb / 4P
   2 -20 GHz Wideband AGC Amplifier
TGA1342-SCC TRIQUINT-TGA1342-SCC Datasheet
185Kb / 7P
   2-20 GHz Wideband AGC Amplifier
logo
LANSDALE Semiconductor ...
ML1490 LANSDALE-ML1490_08 Datasheet
534Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
ML1490 LANSDALE-ML1490 Datasheet
545Kb / 8P
   RF/IF/Audio Amplifier Wideband Amplifier With AGC
logo
Intersil Corporation
HFA3763 INTERSIL-HFA3763 Datasheet
72Kb / 10P
   400MHz Quadrature Modulator and AGC
June 1999
HFA3761 INTERSIL-HFA3761 Datasheet
68Kb / 9P
   400MHz AGC and Quadrature IF Demodulator
July 1999
HFA3766 INTERSIL-HFA3766 Datasheet
79Kb / 11P
   400MHz AGC Quadrature IF Modulator/Demodulator
January 1999
logo
TriQuint Semiconductor
TGA2513-EPU TRIQUINT-TGA2513-EPU Datasheet
898Kb / 10P
   Wideband LNA with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com