Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

QTFT-2MS0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part No. QTFT-2MS0
Description  Stainless Steel
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

QTFT-2MS0 Datasheet(HTML) 1 Page - Ralston Instruments.

  QTFT-2MS0_19 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
QTFT-2MS0
1/4" male NPT x male Quick-test, no check-valve, with cap
and chain, S.S.
A removable cap provides easy access to
connect a Quick-test hose to the process for
calibration purposes and is easily sealed
bubble-tight again when calibration is
complete
QTFT-2MS0
Specs/Attributes
Country of origin
USA
Has Check Valve
No
Materials
Stainless Steel
Max Pressure
5000 PSI / 345 bar / 35 MPa
Max Temperature
225 °F / 105 °C
Max Vacuum
0.00 InHg / 0.0 kPa
Seal Materials
Buna-N
Wrench Size
9/16 In
15 mm
Dimensions
H: 1.85 in (4.7 cm) x W: 0.71 in (1.8 cm)


Similar Part No. - QTFT-2MS0_19

ManufacturerPart No.DatasheetDescription
Ralston Instruments.
Ralston Instruments.
QTFT-2MS0-AN-QD RALSTON-QTFT-2MS0-AN-QD Datasheet
521Kb / 1P
   Connect to any male 37 degree flare adapter or tube
QTFT-2MS0-MP RALSTON-QTFT-2MS0-MP Datasheet
463Kb / 1P
   Adapt any pressure calibrator, pressure gauge or comparator to Quick-test easily
QTFT-2MS0-QD RALSTON-QTFT-2MS0-QD Datasheet
278Kb / 1P
   1/4 male NPT QD (Quick-connect) fitting, S.S.
QTFT-2MS0-RS RALSTON-QTFT-2MS0-RS Datasheet
318Kb / 1P
   Connect Female BSPP (ISO 228/1) parallel thread to Quick-test hose for permanent installation where frequent calibrations are performed
QTFT-2MS0-RS RALSTON-QTFT-2MS0-RS Datasheet
281Kb / 1P
   Brass
More results

Similar Description - QTFT-2MS0_19

ManufacturerPart No.DatasheetDescription
FERYSTER Inductive Components Manufacturer
FERYSTER Inductive Comp...
ZAPINKA-EFD20-C043 FERYSTER-ZAPINKA-EFD20-C043 Datasheet
92Kb / 1P
   STAINLESS STEEL
Ralston Instruments.
Ralston Instruments.
QTFT-4MS0 RALSTON-QTFT-4MS0_19 Datasheet
478Kb / 1P
   Stainless Steel
QTHA-1MS1 RALSTON-QTHA-1MS1_19 Datasheet
449Kb / 1P
   Stainless Steel
QTHA-4MS1 RALSTON-QTHA-4MS1_19 Datasheet
467Kb / 1P
   Stainless Steel
QTHA-3MS1 RALSTON-QTHA-3MS1_19 Datasheet
464Kb / 1P
   Stainless Steel
QTHA-1MS0-QD RALSTON-QTHA-1MS0-QD_19 Datasheet
480Kb / 1P
   Stainless Steel
QTHA-2MS0-QD RALSTON-QTHA-2MS0-QD_19 Datasheet
283Kb / 1P
   Stainless Steel
QTHA-3FSA-RG-QD RALSTON-QTHA-3FSA-RG-QD_19 Datasheet
263Kb / 1P
   Stainless Steel
QTHA-3FS0-RG-QD RALSTON-QTHA-3FS0-RG-QD_19 Datasheet
264Kb / 1P
   Stainless Steel
QTHA-FRS0 RALSTON-QTHA-FRS0_19 Datasheet
465Kb / 1P
   Stainless Steel
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz