Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8981001YA Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # 5962-8981001YA
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

5962-8981001YA Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button 5962-8981001YA Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 10Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 11Page - Agilent(Hewlett-Packard) 5962-8981001YA Datasheet HTML 12Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Figure 8. Switching Test Circuit (f, tP
not JEDEC registered).
Figure 9. Test Circuit for Transient Immunity and
Typical Waveforms.
Figure 10. Recommended Drive Circuitry Using TTL Open-Collector Logic.
GND
VCC
IF
RL
RCC*
56
1.0 µF
+5 V
VO
* SEE NOTE 11
D.U.T.
Rm
IF MONITOR
PULSE GEN.
ZO = 50 Ω
tr, tf = 50 ns
f = 100 Hz
tPULSE = 0.5ms
CL**
** CLINCLUDES PROBE AND STRAY WIRING CAPACITANCE.
VFF
GND
VCC
IF
VCM
RL
RCC*
56
1.0 µF
+5 V
VO
+–
PULSE GEN.
* SEE NOTE 11
A
B
D.U.T.
GND
VCC
ILEAK
VO
D.U.T.
R2 MAY BE OMITTED
IF ADDITIONAL FANOUT
IS NOT USED.
R1
R2
VCC
R2 >
2.4 - VF
IF
R1 <
VCC - VF - IF R2
IF + ILEAK


Similar Part No. - 5962-8981001YA

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
5962-89810 BOARDCOM-5962-89810 Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - 5962-8981001YA

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com