Electronic Components Datasheet Search |
|
HCPL-5730-200 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
HCPL-5730-200 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 12 page 6 Absolute Maximum Ratings Storage Temperature Range, TS .................................. -65°C to +150°C Operating Temperature, TA ......................................... -55°C to +125°C Case Temperature, TC ............................................................... +170°C Junction Temperature, TJ ......................................................... +175°C Lead Solder Temperature ................................................ 260 °C for 10s Output Current, IO (Each Channel).............................................. 40 mA Output Voltage, VO (Each Channel) ................................. -0.5 to 20 V[1] Supply Voltage, VCC .......................................................... -0.5 to 20 V[1] Output Power Dissipation (Each Channel) ............................. 50 mW[2] Peak Input Current (Each Channel, <1 ms Duration) ................. 20 mA Average Input Current, IF (Each Channel) ............................... 10 mA[3] Reverse Input Voltage, VR (Each Channel) ......................................... 5V Package Power Dissipation, PD (each channel) ........................ 200 mW ESD Classification (MIL-STD-883, Method 3015) HCPL-5700/01/0K and 6730/31/3K .................................. ( ∆∆), Class 2 6N140A, 6N140A/883B, HCPL-177K, HCPL-6750/51/5K and HCPL-5730/31/3K ................ (Dot), Class 3 Recommended Operating Conditions Parameter Symbol Min. Max. Units Input Voltage, Low Level (Each Channel) VF(OFF) 0.8 V Input Current, High Level (Each Channel) IF(ON) 0.5 5 mA Supply Voltage VCC 2.0 18 V Output Voltage VO 2.0 18 V ANODE 3 CATHODE 6 5 VCC VO ICC GND IO IF 2 + – VF 8 8 Pin Ceramic DIP Single Channel Schematic |
Similar Part No. - HCPL-5730-200 |
|
Similar Description - HCPL-5730-200 |