Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8098 Datasheet(PDF) 1 Page - ON Semiconductor

Part # AND8098
Description  Low-Cost 100 mA High-Voltage Buck and Buck-Boost Using NCP1052
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AND8098 Datasheet(HTML) 1 Page - ON Semiconductor

  AND8098 Datasheet HTML 1Page - ON Semiconductor AND8098 Datasheet HTML 2Page - ON Semiconductor AND8098 Datasheet HTML 3Page - ON Semiconductor AND8098 Datasheet HTML 4Page - ON Semiconductor AND8098 Datasheet HTML 5Page - ON Semiconductor AND8098 Datasheet HTML 6Page - ON Semiconductor AND8098 Datasheet HTML 7Page - ON Semiconductor AND8098 Datasheet HTML 8Page - ON Semiconductor AND8098 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2003
June, 2003 - Rev. 1
1
Publication Order Number:
AND8098/D
AND8098/D
Low−Cost 100 mA
High−Voltage Buck and
Buck−Boost Using NCP1052
Prepared by: Kahou Wong
ON Semiconductor
INTRODUCTION
This application note presents low-cost high-voltage
100 mA non-isolated power supply using NCP1052 by
buck and buck-boost topology. The NCP1052 is one of the
latest low-cost switching controllers with integrated 700 V/
300 mA power switch from ON Semiconductor. It is
primarily designed for isolated 10 W-range
flyback
converter. If isolation is not needed, the IC can also be used
as stepping-down buck and buck-boost converter for
further cost saving by removing optocoupler and replacing
the transformer by an inductor. The output current capability
is 100 mA. The possible operating range is from input range
between 20 Vdc and 700 Vdc to output range of 5.0 V or
above with 100 mA. Typical efficiency around 65% is
obtained in the 12 V buck demo board.
Advantages of the proposed circuits include:
Comparing to flyback, buck and buck-boost eliminates
optocoupler and replaces transformer by an inductor for
cost saving.
Buck and buck-boost offers smaller voltage stress in
switches comparing to flyback. It minimizes the
switching loss and increases efficiency.
NCP105x can power up itself from the high input
voltage with wide range between 20 Vdc and 700 Vdc.
It needs no extra supply circuit.
NCP105x operates at 44, 100, or 136 kHz and
accommodates low-cost components such as aluminum
electrolytic capacitors and powered-iron core magnetic.
NCP105x offers frequency jittering for reduced
electromagnetic inference (EMI).
NCP105x offers thermal and short circuit fault
protection.
Simple design as no control-loop compensation is
concerned.
The proposed buck and buck-boost converters are very
similar to each other. Their major difference is that buck
provides a positive output voltage but buck-boost provides
a negative output voltage referring to the input ground.
PRINCIPLE OF OPERATION
Figure 1 shows the proposed buck and buck-boost
converters. The rectifier circuit, which consists of capacitor
C3 and diode D3, is in the front end for AC or DC input
voltage. Then, the NCP1052 is self-powered up from the
rectified input voltage directly with a VCC capacitor C2.
When the switch inside the IC is opened, there is a voltage
across Drain (D) and Source (S) pins of the IC. If this voltage
is greater than 20 V, an internal current source Istart = 6.3 mA
(typ.) inside the IC charges up C2 and a voltage in C2 is built
up for the operation of the IC. Comparing to the switching
frequency, the VCC voltage level is in a lower-frequency
7.5-8.5 V hysteresis loop. This VCC hysteresis loop is for
frequency jittering features to minimize EMI and
short-circuit fault timing function.
Input
Output
D3
C3
D
L
C1
C
Z1
C2
VCC
FB
DS
D2 Z2
D1 R
1
(a) Buck
Input
Output
D3
C3
D
L
C1
C
Z1
C2
VCC
FB
DS
D2 Z2
D1
R1
(b) Buck-boost
Figure 1. Proposed Circuit Using NCP1052
In Figure 2a it is noted that in the buck topology the input
voltage powers up the IC through the path across the
inductor L and capacitor C. This charging path passes
APPLICATION NOTE
http://onsemi.com


Similar Part No. - AND8098

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AND8090 ONSEMI-AND8090 Datasheet
896Kb / 20P
   AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
896Kb / 20P
   AC Characteristics of ECL Devices
November, 2003 ??Rev. 1
AND8090D ONSEMI-AND8090D Datasheet
156Kb / 11P
   3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
AND8094 ONSEMI-AND8094 Datasheet
27Kb / 2P
   Three New Tiny Switches Facilitate Video Switching
April, 2003 - Rev. 1
AND8094D ONSEMI-AND8094D Datasheet
27Kb / 2P
   Three New Tiny Switches Facilitate Video Switching
April, 2003 - Rev. 1
More results

Similar Description - AND8098

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP1759DB VISHAY-SIP1759DB Datasheet
456Kb / 5P
   100 mA Buck-Boost Regulator Demonstration Board
Rev. A, 31-Jul-06
logo
Diodes Incorporated
ZXLD1370 DIODES-ZXLD1370_16 Datasheet
1Mb / 40P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST
ZXLD1374 DIODES-ZXLD1374_11 Datasheet
844Kb / 37P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Vishay Siliconix
SI9165 VISHAY-SI9165 Datasheet
74Kb / 8P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. C, 19-Apr-04
SI9165 VISHAY-SI9165_07 Datasheet
588Kb / 10P
   High Frequency 600-mA Synchronous Buck/Boost Converter
Rev. D, 08-Oct-07
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
   High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
FSP TECHNOLOGY INC.
FP1500 FSP-FP1500 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
FP2000 FSP-FP2000 Datasheet
65Kb / 1P
   Boost and buck AVR for voltage stabilization
CP750 FSP-CP750 Datasheet
68Kb / 1P
   Boost and Buck AVR for voltage stabilization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com