Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1531 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HFBR-1531
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1531 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1531 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1531 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Reference
Storage Temperature
TS
–40
+85
°C
Operating Temperature
TA
–40
+85
°C
Lead Soldering Cycle
Temp.
260
°C
Note 1
Time
10
sec
Forward Input Current
IFPK
1000
mA
Note 2, 3
IFdc
80
Reverse Input Voltage
VBR
5V
Notes:
1. 1.6 mm below seating plane.
2. Recommended operating range between 10 and 750 mA.
3. 1
µs pulse, 20 µs period.
Pin #
Function
1
Anode
2
Cathode
3
Open
4
Open
5
Do not connect
8
Do not connect
Note: Pins 5 and 8 are for mounting and
retaining purposes only. Do not
electrically connect these pins.
HFBR-15X1 Transmitter
All HFBR-15XX LED transmitters are classified as IEC 825-1 Accessible
Emission Limit (AEL) Class 1 based upon the current proposed draft scheduled
to go into effect on January 1, 1997. AEL Class 1 LED devices are considered
eye safe. Contact your local Agilent sales representative for more information.
ANODE
1
CATHODE
2
N.C.
3
N.C.
4
8 DO NOT CONNECT
5 DO NOT CONNECT


Similar Part No. - HFBR-1531

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ET AVAGO-HFBR-1531ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531Z AVAGO-HFBR-1531Z Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531Z AVAGO-HFBR-1531Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1531

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com