Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1533 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HFBR-1533
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1533 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1533 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-1533 Datasheet HTML 14Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
1 MBd Link
(High Performance HFBR-15X2/25X2, Standard HFBR-15X4/25X4)
System Performance Under recommended operating conditions unless otherwise specified.
Parameter
Symbol Min. Typ. Max. Units
Conditions
Ref.
High
Data Rate
dc
1
MBd
BER
≤ 10-9, PRBS:27-1
Link Distance
39
m
IFdc = 60 mA
Fig. 14
(Standard Cable)
47
70
m
IFdc = 60 mA, 25°C
Notes 1,
3, 4
Link Distance
45
m
IFdc = 60 mA
Fig. 15
(Improved Cable)
56
78
m
IFdc = 60 mA, 25°C
Notes 1,
3, 4
Propagation
tPLH
180
250
ns
RL = 560 Ω, CL = 30 pF Fig. 16, 18
Delay
tPHL
100
140
ns
I = 0.5 metre
Notes 2, 4
PR = -24 dBm
Pulse Width
tD
80
ns
PR = -24 dBm
Fig. 16, 17
Distortion tPLH-tPHL
RL = 560 Ω, CL = 30 pF
Note 4
Performance
1 MBd
Parameter
Symbol Min. Typ. Max. Units
Conditions
Ref.
Standard
Data Rate
dc
1
MBd
BER
≤ 10-9, PRBS:27-1
Link Distance
8
m
IFdc = 60 mA
Fig. 12
(Standard Cable)
17
43
m
IFdc = 60 mA, 25°C
Notes 1,
3, 4
Link Distance
10
m
IFdc = 60 mA
Fig. 13
(Improved Cable)
19
48
m
IFdc = 60 mA, 25°C
Notes 1,
3, 4
Propagation
tPLH
180
250
ns
RL = 560 Ω, CL = 30 pF Fig. 16, 18
Delay
tPHL
100
140
ns
I = 0.5 metre
Notes 2, 4
PR = -20 dBm
Pulse Width
tD
80
ns
PR = -20 dBm
Fig. 16, 17
Distortion tPLH-tPHL
RL = 560 Ω, CL = 30 pF
Note 4
Notes:
1. For IFPK > 80 mA, the duty factor must be such as to keep IFdc
≤ 80 mA. In addition, for IFPK > 80 mA, the following rules for
pulse width apply:
IFPK
≤ 160 mA: Pulse width ≤ 1 ms
IFPK > 160 mA: Pulse width
≤ 1 µS, period ≥ 20 µS.
2. The propagation delay for one meter of cable is typically 5 ns.
3. Estimated typical link life expectancy at 40
°C exceeds 10 years at 60 mA.
4. Pulsed LED operation at IFPK > 80 mA will cause increased link tPLH propagation delay time. This extended tPLH time contributes
to increased pulse width distortion of the receiver output signal.
1 MBd


Similar Part No. - HFBR-1533

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1533Z AVAGO-HFBR-1533Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-1533

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com