Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2524 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HFBR-2524
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-2524 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HFBR-2524 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-2524 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Figure 5. 5 MBd Propagation Delay Test Circuit.
Figure 8. Typical Link Propagation Delay vs. Optical Power.
Figure 7. Typical Link Pulse Width Distortion vs.
Optical Power.
Figure 6. Propagation Delay Test Waveforms.
-25
500
200
0
PR – INPUT OPTICAL POWER – dBm
-20
-15
-5
400
100
300
-10
0
70°C
25°C
0°C
HFBR-15X1/25X1
HFBR-15X2/25X2
HFBR-15X4/25X4
70°C
25°C
0°C
-25
500
200
0
PR – INPUT OPTICAL POWER – dBm
-20
-15
-5
400
100
300
-10
0
HFBR-15X1/25X1
HFBR-15X2/25X2
HFBR-15X4/25X4
tpLH
tpHL
tpLH


Similar Part No. - HFBR-2524

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2524 AVAGO-HFBR-2524 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2524Z AVAGO-HFBR-2524Z Datasheet
96Kb / 4P
   Change to improved mold compound
More results

Similar Description - HFBR-2524

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com