Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111ZI-10TSSOP Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT5111ZI-10TSSOP
Description  100-Tap Digitally Programmable Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111ZI-10TSSOP Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT5111ZI-10TSSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5111ZI-10TSSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 2009, Rev. R
APPLICATIONS
I Automated product calibration
I Remote control adjustments
I Offset, gain and zero control
I Tamper-proof calibrations
I Contrast, brightness and volume controls
I Motor controls and feedback systems
I Programmable analog functions
CAT5113
100-Tap Digitally Programmable Potentiometer (DPP™)
FEATURES
I 100-position linear taper potentiometer
I Non-volatile EEPROM wiper storage
I 10nA ultra-low standby current
I Single supply operation: 2.5V-6.0V
I Increment Up/Down serial interface
I Resistance values: 1k
Ω ,10kΩ
Ω , 50kΩ
Ω and 100kΩ
I Available in PDIP, SOIC, TSSOP and MSOP packages
new system values without effecting the stored
setting.
Wiper-control
of
the
CAT5113
is
accomplished with three input control pins,
CS, U/D,
and
INC. The INC input increments the wiper in the
direction which is determined by the logic state of
the U/
D input. The CS input is used to select the
device and also store the wiper position prior to
power down.
The digitally programmable potentiometer can be
used as a three-terminal resistive divider or as a
two-terminal variable resistor. DPPs bring variability and
programmability to a wide variety of applications
including control, parameter adjustments, and
signal processing.
FUNCTIONAL DIAGRAM
DESCRIPTION
The CAT5113 is a single digitally programmable
potentiometer (DPP™) designed as a electronic
replacement for mechanical potentiometers and trim
pots. Ideal for automated adjustments on high volume
production lines, they are also well suited for
applications where equipment requiring periodic
adjustment is either difficult to access or located in a
hazardous or remote environment.
The CAT5113 contains a 100-tap series resistor array
connected between two terminals RH and RL. An up/
down counter and decoder that are controlled by three
input pins, determines which tap is connected to the
wiper, RW. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered
down and is automatically reinstated when power
is returned. The wiper can be adjusted to test
GENERAL
DETAILED
ELECTRONIC POTENTIOMETER
IMPLEMENTATION
(
INC)
(U/
D)
(
CS)
Control
and
Memory
INCREMENT
UP/DOWN
DEVICE SELECT
Vcc (Supply Voltage)
GENERAL
RH
V
W
L
R
R
H
V
V
W
L /
/
/
POR
GND
RH
V
W
L
R
R
H
V
V
W
L
/
/
/
ALO
GEN FR
TM
LEAD FREE
ONE
OF
ONE HUNDRED
DECODER
99
98
97
28
2
1
0
TRANSFER
GATES
RESISTOR
ARRAY
RH
L
R
H
V
V
L /
/
V
W
R
W
/
7-BIT
NONVOLATILE
MEMORY
STORE AND
RECALL
CONTROL
CIRCUITRY
U
/D
INC
CS
Vcc
VSS
7-BIT
UP/DOWN
COUNTER


Similar Part No. - CAT5111ZI-10TSSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111ZI-10TSSOP CATALYST-CAT5111ZI-10TSSOP Datasheet
67Kb / 7P
   100-Tap Digitally Programmable Potentiometer (DPP) with Buffered Wiper
More results

Similar Description - CAT5111ZI-10TSSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com