Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-1534 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HFBR-1534
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-1534 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HFBR-1534 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HFBR-1534 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
Figure 11. Required 1 MBd Interface Circuit.
Figure 15. Guaranteed System Performance for the
HFBR-15X2/25X2 Link with Improved Cable.
Figure 14. Guaranteed System Performance for the
HFBR-15X2/25X2 Link with Standard Cable.
Figure 13. Guaranteed System Performance for the
HFBR-15X4/25X4 Link with Improved Cable.
Figure 12. Guaranteed System Performance for the
HFBR-15X4/25X4 Link with Standard Cable.
80
70
50
60
40
30
05
20
10
25
15
– CABLE LENGTH – METRES
100
90
20
HFBR-15X4/25X4
0°C–70°C
25°C
80
70
50
60
40
30
020
10
30
– CABLE LENGTH – METRES
100
90
20
HFBR-15X4/25X4
0°C–70°C
25°C
100
50
40
30
20
10
5
0
1020
30
4050
– CABLE LENGTH – METRES
UNDERDRIVE
25°C
0°C–70°C
100
50
40
30
20
10
5
0
102030
40
50
– CABLE LENGTH – METRES
60
25°C
0°C–70°C
UNDERDRIVE
The HFBR-25X2 receiver can not be overdriven when using the
required interface circuit shown in Figure 11.


Similar Part No. - HFBR-1534

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ET AVAGO-HFBR-1531ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531Z AVAGO-HFBR-1531Z Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1531Z AVAGO-HFBR-1531Z Datasheet
96Kb / 4P
   Change to improved mold compound
HFBR-1532ET AVAGO-HFBR-1532ET Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR-1534

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com