Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARD60024 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # ARD60024
Description  26.5GHz, 18GHz COAXIAL SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

ARD60024 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  ARD60024 Datasheet HTML 1Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 2Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 3Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 4Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 5Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 6Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 7Page - Nais(Matsushita Electric Works) ARD60024 Datasheet HTML 8Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
RD
3
COIL DATA (at 20°C 68°F)
1. SPDT
1) Failsafe type
2) Latching type
3) Latching with TTL driver type (with self cut-off function)
2. Transfer
1) Failsafe type
2) Latching type
3) Latching with TTL driver type (with self cut-off function)
Nominal operating voltage,
V DC
Coil resistance,
Ω (±:10%)
Nominal power consumption, mW
4.5
24.2
840
12
172
840
24
594
970
Nominal operating voltage,
V DC
Coil resistance,
Ω (±:10%)
Nominal power consumption, mW
4.5
28.9
700
12
192
750
24
640
900
Nominal operating voltage,
V DC
TTL logic level (see TTL logic level range)
Switching frequency
ON
OFF
5
2.4 to 5.5V
0 to 0.5V
Max. 180 cpm
(ON time : OFF time = 1 : 1)
12
24
Nominal operating voltage,
V DC
Coil resistance,
Ω (±:10%)
Nominal power consumption, mW
4.5
13.2
1540
12
93.6
1540
24
345
1670
Nominal operating voltage,
V DC
Coil resistance,
Ω (±:10%)
Nominal power consumption, mW
4.5
16.8
1200
12
115
1250
24
411
1400
Nominal operating voltage,
V DC
TTL logic level (see TTL logic level range)
Switching frequency
ON
OFF
5
2.4 to 5.5V
0 to 0.5V
Max. 180 cpm
(ON time : OFF time = 1 : 1)
12
24
• Operating voltage range
1) Failsafe type
2) Latching type
3) Latching with TTL driver type
(with self cut-off function)
0
4
32
24
28
8
16
12
20
0
2
16
12
14
4
8
6
10
–55–40
0
–20
20
Ambient temperature
°C
12
V
0
0.75
6
4.5
5.25
1.5
3
2.25
3.75
4.5
V
24
V
85
40
60
Nominal voltage
Allowable range
for use
Recommended
operation voltage range
Recommended
release voltage range
0
4
32
24
28
8
16
12
20
0
2
16
12
14
4
8
6
10
–55–40
0
–20
20
85
40
60
Ambient temperature
°C
12
V
0
0.75
6
4.5
5.25
1.5
3
2.25
3.75
4.5
V
24
V
Allowable range
for use
Recommended
set/reset voltage range
Nominal voltage
0
4
32
24
28
8
16
12
20
0
2
16
12
14
4
8
6
10
–55–40
0
–20
20
85
40
60
Ambient temperature
°C
12
V
0
0.83
6.67
5
5.83
1.67
3.33
2.5
4.17
5
V
24
V
Nominal voltage
Allowable range
for use
Recommended set/reset
voltage range


Similar Part No. - ARD60024

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ARDUINO-NANO ETC-ARDUINO-NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO101 ETC2-ARDUINO101 Datasheet
273Kb / 5P
   Try out the integrated accelerometer and gyro and discover sensor fusion
ARDUINONANO ETC-ARDUINONANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
ARDUINO_NANO ETC-ARDUINO_NANO Datasheet
166Kb / 3P
   Arduino Nano Released under the Creative Commons Attribution Share-Alike 2.5 License
Rev 3.0
More results

Similar Description - ARD60024

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
SMA HIROSE-SMA Datasheet
426Kb / 8P
   SMA Reverse Coaxial Connector Up to 26.5GHz
logo
Pasternack Enterprises,...
PE7124 PASTERNACK-PE7124 Datasheet
249Kb / 1P
   SMA FEMALE COAXIAL SWITCH FREQUENCY RANGE: 12GHz TO 18GHz SWITCH TYPE: SP3T
PE7113 PASTERNACK-PE7113 Datasheet
245Kb / 1P
   SMA FEMALE COAXIAL SWITHCH FREQUENCY RANGE: 1GHz 18GHz SWITCH TYPE: SPDT
logo
CRYSTEK CORPORATION
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
   Miniature DC-18GHz SPDT Switch
logo
CRYSTEK CORPORATION
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
Huber+Suhner, Inc.
32_SMA-50-0-100111_N HUBERSUHNER-32_SMA-50-0-100111_N Datasheet
610Kb / 2P
   COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, plug / plug (male / male)
11_SMA-50-3-64-19_N HUBERSUHNER-11_SMA-50-3-64-19_N Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
11_SMA-50-2-100111_N HUBERSUHNER-11_SMA-50-2-100111_N Datasheet
158Kb / 2P
   COAXIAL CONNECTOR, SMA-26.5GHz, 50 Ohm, Straight cable plug (male)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com