Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-177K-600 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HCPL-177K-600
Description  Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-177K-600 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HCPL-177K-600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-177K-600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Absolute Maximum Ratings
Storage Temperature Range, TS .................................. -65°C to +150°C
Operating Temperature, TA ......................................... -55°C to +125°C
Case Temperature, TC ............................................................... +170°C
Junction Temperature, TJ ......................................................... +175°C
Lead Solder Temperature ................................................ 260
°C for 10s
Output Current, IO (Each Channel).............................................. 40 mA
Output Voltage, VO (Each Channel) ................................. -0.5 to 20 V[1]
Supply Voltage, VCC .......................................................... -0.5 to 20 V[1]
Output Power Dissipation (Each Channel) ............................. 50 mW[2]
Peak Input Current (Each Channel, <1 ms Duration) ................. 20 mA
Average Input Current, IF (Each Channel) ............................... 10 mA[3]
Reverse Input Voltage, VR (Each Channel) ......................................... 5V
Package Power Dissipation, PD (each channel) ........................ 200 mW
ESD Classification
(MIL-STD-883, Method 3015)
HCPL-5700/01/0K and 6730/31/3K .................................. (
∆∆), Class 2
6N140A, 6N140A/883B, HCPL-177K,
HCPL-6750/51/5K and HCPL-5730/31/3K ................ (Dot), Class 3
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Input Voltage, Low Level (Each Channel)
VF(OFF)
0.8
V
Input Current, High Level (Each Channel)
IF(ON)
0.5
5
mA
Supply Voltage
VCC
2.0
18
V
Output Voltage
VO
2.0
18
V
ANODE
3
CATHODE
6
5
VCC
VO
ICC
GND
IO
IF
2
+
VF
8
8 Pin Ceramic DIP Single Channel Schematic


Similar Part No. - HCPL-177K-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-177K AVAGO-HCPL-177K Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
HCPL-177K BOARDCOM-HCPL-177K Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
More results

Similar Description - HCPL-177K-600

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N140A-883B AVAGO-6N140A-883B Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
6N140A BOARDCOM-6N140A Datasheet
1Mb / 14P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N140A AVAGO-6N140A Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
HCPL-5731 AVAGO-HCPL-5731 Datasheet
206Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, High Gain Optocouplers
logo
Broadcom Corporation.
ACPL-570XL BOARDCOM-ACPL-570XL Datasheet
956Kb / 13P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-5730L AVAGO-ACPL-5730L Datasheet
169Kb / 11P
   Hermetically Sealed 3.3V, Low IF, Wide VCC, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-520X AVAGO-HCPL-520X Datasheet
367Kb / 14P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
HCPL-2211-300E AVAGO-HCPL-2211-300E Datasheet
389Kb / 18P
   Very High CMR, Wide VCC Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com