Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-2528 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR-2528
Description  Versatile Link The Versatile Fiber Optic Connection
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-2528 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR-2528 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-2528 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
5 MBd Link (HFBR-15X1/25X1)
System Performance 0 to 70
°C unless otherwise specified.
Parameter
Symbol Min. Typ. Max. Units
Conditions
Ref.
High
Data Rate
dc
5
MBd
BER
≤ 10-9, PRBS:27-1
Link Distance
19
m
IFdc = 60 mA
Fig. 3
(Standard Cable)
27
48
m
IFdc = 60 mA, 25°C
Note 3
Link Distance
22
m
IFdc = 60 mA
Fig. 4
(Improved Cable)
27
53
m
IFdc = 60 mA, 25°C
Note 3
Propagation
tPLH
80
140
ns
RL = 560 Ω, CL = 30 pF Fig. 5, 8
Delay
tPHL
50
140
ns
fiber length = 0.5 m
Notes 1, 2
-21.6
≤ P
R ≤ -9.5 dBm
Pulse Width
tD
30
ns
PR = -15 dBm
Fig. 5, 7
Distortion tPLH-tPHL
RL = 560 Ω, CL = 30 pF
Notes:
1. The propagation delay for one metre of cable is typically 5 ns.
2. Typical propagation delay is measured at PR = -15 dBm.
3. Estimated typical link life expectancy at 40
°C exceeds 10 years at 60 mA.
Figure 2. Typical 5 MBd Interface Circuit.
Figure 4. Guaranteed System Performance with Improved
Cable (HFBR-15X1/25X1).
Figure 3. Guaranteed System Performance with Standard
Cable (HFBR-15X1/25X1).
Performance
5 MBd
100
50
40
30
20
10
5
0
102030
4050
– CABLE LENGTH – METRES
60
25°C
0°C–70°C
OVERDRIVE
UNDERDRIVE
100
50
40
30
20
10
5
0
1020
30
4050
– CABLE LENGTH – METRES
OVERDRIVE
UNDERDRIVE
25°C
0°C–70°C


Similar Part No. - HFBR-2528

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2528 AVAGO-HFBR-2528 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-2528Z AVAGO-HFBR-2528Z Datasheet
143Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
More results

Similar Description - HFBR-2528

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521ETZ AVAGO-HFBR-2521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2522ETZ AVAGO-HFBR-2522ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
Broadcom Corporation.
HFBR-0500ETZ BOARDCOM-HFBR-0500ETZ Datasheet
485Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1531ETZ AVAGO-HFBR-1531ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-2521Z AVAGO-HFBR-2521Z Datasheet
437Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1521ETZ AVAGO-HFBR-1521ETZ Datasheet
249Kb / 16P
   Versatile Link The Versatile Fiber Optic Connection
HFBR-1527ETZ AVAGO-HFBR-1527ETZ Datasheet
211Kb / 12P
   125Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
Agilent(Hewlett-Packard...
HFBR-0507 HP-HFBR-0507 Datasheet
319Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0507Z AVAGO-HFBR-0507Z Datasheet
304Kb / 12P
   125 Megabaud Versatile Link The Versatile Fiber Optic Connection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com