Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC14 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74HC14
Description  Hex inverting Schmitt trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC14 Datasheet(HTML) 4 Page - NXP Semiconductors

  74HC14 Datasheet HTML 1Page - NXP Semiconductors 74HC14 Datasheet HTML 2Page - NXP Semiconductors 74HC14 Datasheet HTML 3Page - NXP Semiconductors 74HC14 Datasheet HTML 4Page - NXP Semiconductors 74HC14 Datasheet HTML 5Page - NXP Semiconductors 74HC14 Datasheet HTML 6Page - NXP Semiconductors 74HC14 Datasheet HTML 7Page - NXP Semiconductors 74HC14 Datasheet HTML 8Page - NXP Semiconductors 74HC14 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
2003 Oct 30
4
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
handbook, halfpage
MNA839
14
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1A
1Y
2A
2Y
3A
3Y
GND
4Y
4A
5Y
5A
6Y
6A
VCC
Fig.1 Pin configuration.
handbook, halfpage
114
GND(1)
1A
VCC
7
2
3
4
5
6
1Y
2A
2Y
3A
3Y
13
12
11
10
9
6A
6Y
5A
5Y
4A
8
GND
Top view
4Y
MBL760
Fig.2 Pin configuration DHVQFN14.
(1) The die substrate is attached to this pad using conductive die
attach material. It can not be used as a supply pin or input.
handbook, halfpage
MNA840
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
Fig.3 Logic symbol.
handbook, halfpage
MNA841
2
1
4
3
6
5
8
9
10
11
12
13
Fig.4 IEC logic symbol.


Similar Part No. - 74HC14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC14 PHILIPS-74HC14 Datasheet
72Kb / 8P
   Hex inverting Schmitt trigger
September 1993
logo
ON Semiconductor
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC14 NXP-74HC14 Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
More results

Similar Description - 74HC14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com