Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7558IRHBT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7558IRHBT
Description  12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7558IRHBT Datasheet(HTML) 1 Page - Texas Instruments

  DAC7558IRHBT Datasheet HTML 1Page - Texas Instruments DAC7558IRHBT Datasheet HTML 2Page - Texas Instruments DAC7558IRHBT Datasheet HTML 3Page - Texas Instruments DAC7558IRHBT Datasheet HTML 4Page - Texas Instruments DAC7558IRHBT Datasheet HTML 5Page - Texas Instruments DAC7558IRHBT Datasheet HTML 6Page - Texas Instruments DAC7558IRHBT Datasheet HTML 7Page - Texas Instruments DAC7558IRHBT Datasheet HTML 8Page - Texas Instruments DAC7558IRHBT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
Input
Register
Input
Register
DAC
Register
DAC
Register
String
DAC A
String
DAC H
Interface
Logic
Power-On
Reset
Power-Down
Logic
+
IOVDD
VREF2
SCLK
SYNC
SDIN
VOUTA
VOUTH
SDO
RST RSTSEL
AGND
DGND VREF3
VREF4
PD
VFBA
+
VFBH
VREF1
VDD
DCEN
DAC7558
SLAS435 – MAY 2005
12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
2.7-V to 5.5-V Single Supply
The DAC7558 is a 12-bit, octal-channel, voltage
output
DAC
with
exceptional
linearity
and
12-Bit Linearity and Monotonicity
monotonicity. Its proprietary architecture minimizes
Rail-to-Rail Voltage Output
undesired transients such as code to code glitch and
Settling Time: 5 µs (Max)
channel
to
channel
crosstalk.
The
low-power
Ultralow Glitch Energy: 0.1 nVs
DAC7558 operates from a single 2.7-V to 5.5-V
supply. The DAC7558 output amplifiers can drive a
Ultralow Crosstalk: –100 dB
2-k
Ω, 200-pF load rail-to-rail with 5-µs settling time;
Low Power: 1.8 mA (Max)
the output range is set using an external voltage
Per-Channel Power Down: 2 µA (Max)
reference.
Power-On Reset to Zero Scale and Mid Scale
The 3-wire serial interface operates at clock rates up
SPI-Compatible Serial Interface: Up to 50 MHz
to 50 MHz and is compatible with SPI, QSPI,
Microwire™, and DSP interface standards. The out-
Simultaneous or Sequential Update
puts of all DACs may be updated simultaneously or
Asynchronous Clear
sequentially. The parts incorporate a power-on-reset
Binary and Twos-Complement Capability
circuit to ensure that the DAC outputs power up to
zero volts and remain there until a valid write cycle to
Daisy-Chain Operation
the
device
takes
place.
The
parts
contain
a
1.8-V to 5.5-V Logic Compatibility
power-down feature that reduces the current con-
Specified Temperature Range: –40°C to 105°C
sumption of the device to under 2 µA.
Small, 5-mm x 5-mm, 32-Lead QFN Package
The small size and low-power operation makes the
DAC7558 ideally suited for battery-operated portable
applications. The power consumption is typically 7.5
mW at 5 V, 3.7 mW at 3 V, and reduces to 1 µW in
Portable Battery-Powered Instruments
power-down mode.
Digital Gain and Offset Adjustment
Programmable Voltage and Current Sources
The DAC7558 is available in a 32-lead QFN package
and is specified over –40°C to 105°C.
Programmable Attenuators
Industrial Process Control
FUNCTIONAL BLOCK DIAGRAM
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Microwire is a trademark of National Semiconductor Corp..
PRODUCTION DATA information is current as of publication date.
Copyright © 2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7558IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7558IRHBT TI1-DAC7558IRHBT Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7558IRHBTG4 TI1-DAC7558IRHBTG4 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7558IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7558 TI1-DAC7558_16 Datasheet
2Mb / 31P
[Old version datasheet]   12-BIT, OCTAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551 TI-DAC7551 Datasheet
539Kb / 18P
[Old version datasheet]   12-BIT, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI1-DAC7553_14 Datasheet
1Mb / 26P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI-DAC7552 Datasheet
862Kb / 22P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554 TI-DAC7554 Datasheet
1Mb / 21P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7552 TI1-DAC7552_13 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7553 TI-DAC7553 Datasheet
774Kb / 20P
[Old version datasheet]   12-BIT, DUAL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7554IDGSRG4 TI1-DAC7554IDGSRG4 Datasheet
1Mb / 24P
[Old version datasheet]   12-BIT, QUAD, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
   16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com