Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1711IMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1711IMS8
Description  Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1711IMS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1711IMS8 Datasheet HTML 1Page - Linear Technology LT1711IMS8 Datasheet HTML 2Page - Linear Technology LT1711IMS8 Datasheet HTML 3Page - Linear Technology LT1711IMS8 Datasheet HTML 4Page - Linear Technology LT1711IMS8 Datasheet HTML 5Page - Linear Technology LT1711IMS8 Datasheet HTML 6Page - Linear Technology LT1711IMS8 Datasheet HTML 7Page - Linear Technology LT1711IMS8 Datasheet HTML 8Page - Linear Technology LT1711IMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1711/LT1712
TYPICAL PERFOR A CE CHARACTERISTICS
Propagation Delay
vs Load Capacitance
Propagation Delay
vs Input Common Mode Voltage
Propagation Delay
vs Positive Supply Voltage
Positive Supply Current
vs Positive Supply Voltage
Negative Supply Current
vs Negative Supply Voltage
Positive Supply Current
vs Switching Frequency
Input Bias Current
vs Input Common Mode Voltage
Input Offset Voltage vs
Temperature
Propagation Delay vs
Temperature
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
0
50
75
171112 G01
–25
25
100
125
VCM = 2.5V
VCM = 5V
VCM = 0V
V+ = 5V
V = 0V
LOAD CAPACITANCE (pF)
0
60
100
171112 G02
20
10
9
8
7
tPD
+
6
5
4
3
40
80
120
tPD
TA = 25°C
V+ = 5V
V = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
TEMPERATURE (
°C)
–50
100
171112 G03
050
8
7
6
5
4
3
2
1
0
–25
25
75
125
tPD
+
tPD
V+ = 5V
V = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
INPUT COMMON MODE (V)
–1
5.5
2
171112 G04
4.5
01
3
3.5
3.0
6.0
5.0
4.0
456
tPD
tPD
+
TA = 25°C
V+ = 5V
V = 0V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
2
4
68
10
POSITIVE SUPPLY VOLTAGE (V)
0
5.5
171112 G05
4.0
3.0
6.0
5.0
4.5
3.5
tPD
tPD
+
TA = 25°C
V = 0V
VCM = 2.5V
VOD = 20mV
VSTEP = 100mV
CLOAD = 10pF
POSITIVE SUPPLY VOLTAGE (V)
0
25
20
15
10
5
0
2
46
8
171112 G06
10
12
V = – 5V
∆VIN = 100mV
IOUT = 0mA
I+ AT –55
°C
I+ AT 25
°C
I+ AT 85
°C
V = 0V
SWITCHING FREQUENCY (MHz)
0
40
30
20
10
0
10
20
30
40
171112 G07
50
60
TA = 25°C
V+ = 5V
V = 0V
CLOAD = 10pF
NEGATIVE SUPPLY VOLTAGE (V)
0
14
12
10
8
6
4
2
0
–3
–5
171112 G08
–1
–2
–4
–6
–7
I AT –55
°C
I AT 25
°C
I AT 85
°C
V += 5V
∆VIN = 100mV
IOUT = 0mA
INPUT COMMON MODE VOLTAGE (V)
–1
–2
4
10
24
6
171112 G09
–8
–14
–20
01
3
5
V+ = 5V
V = 0V
∆VIN = 0mV
IB AT –55°C
IB AT 25°C
IB AT 125°C


Similar Part No. - LT1711IMS8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT1711 ETC1-LT1711 Datasheet
61Kb / 1P
   UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1711 LINER-LT1711 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
More results

Similar Description - LT1711IMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720 Datasheet
317Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1713 LINER-LT1713 Datasheet
232Kb / 16P
   Single/Dual, 7ns, Low Power,3V/5V/짹5V Rail-to-Rail Comparators
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com