Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB156W Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SB156W
Description  High Current 15 25 35 AMPS Single Phase Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SB156W Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SB156W Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SB156W Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 614 -
SB 15, 25, 35 SERIES
High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
Voltage Range
50 to 1000 Volts
Current
15.0/25.0/35.0 Amperes
Features
UL Recognized File # E-96005
Glass passivated junction
Metal case with an electrically isolated
epoxy
Rating to 1,000V PRV.
High efficiency
Mounting: thru hole for #8 screw
High temperature soldering guaranteed:
260
℃ / 10 seconds at 5 lbs., ( 2.3 kg )
tension
Leads solderable per MIL-STD-202
Method 208
Isolated voltage from case to lead over
2000 volts
SB35
SB35-W
SB35-M
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
-05
-1
-2
-4
-6
-8
-10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
SB15
Rectified Current
SB25
@TC= 55
SB35
I(AV)
15.0
25.0
35.0
A
Peak Forward Surge Current,
SB15
Single Sine-wave Superimposed on
SB25
Rated Load (JEDEC method )
SB35
IFSM
200
300
400
A
Maximum Instantaneous Forward
SB15
7.5A
Voltage Drop Per Element
SB25
12.5A
at Specified Current
SB35
17.5A
VF
1.1
V
Maximum DC Reverse Current
at Rated DC Blocking Voltage Per Element
IR
10
uA
Typical Thermal Resistance (Note 1)
R
θJC
2.0
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
- 50 to + 125 / -50 to +150
Notes: 1. Thermal Resistance from Junction to Case.
2. Suffix “W” - Wire Lead Structure/”M” - Terminal Location Face to Face.
AC
DIA .193(4.9)
HOLE FOR #8 SCREW
.692(17.6)
.612(15.5)
1.14(29.0)
1.01(25.7)
.25(6.35)
.442(11.23)
.432(10.97)
1.14(29.0)
1.01(25.7)
.692(17.6)
.612(15.5)
.602(15.3)
.522(13.3)
.752(19.1)
.672(17.1)
.93(23.5)
.81(20.5)
.490(12.4)
.410(10.4)
.040(1.0)
DIA TYP
DIA .193(4.9)
HOLE FOR #8 SCREW
.442(11.23)
.432(10.97)
1.14(29.0)
1.01(25.7)
.752(19.1)
.672(17.1)
.752(19.1)
.672(17.1)
1.14(29.0)
1.01(25.7)
1.2(30.5)
MIN.
DIA .193(4.9)
HOLE FOR #8 SCREW
.692(17.6)
.612(15.5)
1.14(29.0)
1.01(25.7)
.25(6.35)
.034(0.86)
.030(0.76)
.442(11.23)
.432(10.97)
.692(17.6)
.612(15.5)
1.14(29.0)
1.01(25.7)
.692(17.6)
.612(15.5)
.692(17.6)
.612(15.5)
.93(23.5)
.81(20.5)


Similar Part No. - SB156W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB156 TSC-SB156 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
logo
Semikron International
SB1560 SEMIKRON-SB1560 Datasheet
161Kb / 3P
   Schottky barrier rectifier diodes
logo
Micro Commercial Compon...
SB1560 MCC-SB1560 Datasheet
485Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Leshan Radio Company
SB1560 LRC-SB1560 Datasheet
356Kb / 7P
   Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 15A
logo
Micro Commercial Compon...
SB1560 MCC-SB1560 Datasheet
310Kb / 3P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - SB156W

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SB15 TSC-SB15 Datasheet
71Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Bridge Rectifiers
SB1505G TSC-SB1505G Datasheet
70Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15 Datasheet
103Kb / 2P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
GBPC15 TSC-GBPC15_11 Datasheet
188Kb / 3P
   High Current 15, 25, 35 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBPC15 YANGJIE-GBPC15 Datasheet
294Kb / 2P
   HIGH CURRENT 15/25/35 AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
BR-L10A YANGJIE-BR-L10A Datasheet
257Kb / 2P
   SINGLE PHASE 10/15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
MP15S CHENG-YI-MP15S Datasheet
159Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15 CHENG-YI-MP15 Datasheet
156Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CT CHENG-YI-MP15CT Datasheet
154Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
MP15CW CHENG-YI-MP15CW Datasheet
130Kb / 2P
   15/25/35 AMPS. SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com