Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5023-BM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SI5023-BM
Description  MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SI5023-BM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI5023-BM Datasheet HTML 5Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 6Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 7Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 8Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 9Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 10Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 11Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 12Page - List of Unclassifed Manufacturers SI5023-BM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Si5022 /Si502 3
Preliminary Rev. 0.46
9
Table 4. AC Characteristics (PLL Characteristics)
(VDD=2.5 V ± 5% for Si5022 or 3.3 V ± 5% for Si5023, TA = –40°C to 85°C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Jitter Tolerance
(OC-48)*
JTOL(PP)
f = 600 Hz
40
TBD
UIPP
f = 6000 Hz
4
TBD
UIPP
f = 100 kHz
4
TBD
UIPP
f = 1 MHz
0.4
TBD
UIPP
Jitter Tolerance
(OC-12 Mode)*
JTOL(PP)
f = 30 Hz
40
TBD
UIPP
f = 300 Hz
4
TBD
UIPP
f = 25 kHz
4
TBD
UIPP
f = 250 kHz
0.4
TBD
UIPP
Jitter Tolerance
(OC-3 Mode)*
JTOL(PP)
f = 30 Hz
60
TBD
UIPP
f = 300 Hz
6
TBD
UIPP
f = 6.5 kHz
6
TBD
UIPP
f = 65 kHz
0.6
TBD
UIPP
Jitter Tolerance (Gigabit Ethernet)
Receive Data Total Jitter
Tolerance
TJT(PP)
IEEE 802.3z Clause 38.68
600
TBD
ps
Jitter Tolerance (Gigabit Ethernet)
Receive Data Deterministic Jitter
Tolerance
DJT(PP)
IEEE 802.3z Clause 38.69
370
TBD
ps
RMS Jitter Generation*
JGEN(RMS) with no jitter on serial data
3.0
5.0
mUI
Peak-to-Peak Jitter Generation*
JGEN(PP)
with no jitter on serial data
25
55
mUI
Jitter Transfer Bandwidth*
JBW
OC-48 Mode
2.0
MHz
OC-12 Mode
500
kHz
OC-3 Mode
130
kHz
Jitter Transfer Peaking*
JP
0.03
0.1
dB
Acquisition Time
(Reference clock applied)
TAQ
After falling edge of
PWRDN/CAL
1.45
1.5
1.7
ms
From the return of valid
data
40
60
150
µs
Acquisition Time
(Reference-less operation)
TAQ
After falling edge of
PWRDN/CAL
TBD
TBD
TBD
ms
From the return of valid
data
TBD
TBD
TBD
ms
Reference Clock Range
19.44
168.75
MHz
Input Reference Clock Frequency
Tolerance
CTOL
–100
100
ppm
Frequency Difference at which
Receive PLL goes out of Lock
(REFCLK compared to the divided
down VCO clock)
TBD
600
TBD
ppm
Frequency Difference at which
Receive PLL goes into Lock (REF-
CLK compared to the divided
down VCO clock)
TBD
300
TBD
ppm
*Note: As defined in Bellcore specifications: GR-253-CORE, Issue 2, December 1995. Using PRBS 223 – 1 data pattern.


Similar Part No. - SI5023-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5023-BM SILABS-Si5023-BM Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results

Similar Description - SI5023-BM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
   OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
List of Unclassifed Man...
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
   OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8122 VITESSE-VSC8122 Datasheet
346Kb / 14P
   Multi-Rate SONET/SDH Clock and Data Recovery IC
logo
List of Unclassifed Man...
SI5020 ETC1-SI5020 Datasheet
335Kb / 18P
   SiPHY MULTI-RATE SONET/SDH CLOCK AND DATA RECOVERY IC
logo
Applied Micro Circuits ...
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
   SONET/SDH/ATM OC-48 Transceiver With CDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com