Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS842DW Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS842DW
Description  10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS842DW Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS842DW Datasheet HTML 1Page - Texas Instruments SN74ALS842DW Datasheet HTML 2Page - Texas Instruments SN74ALS842DW Datasheet HTML 3Page - Texas Instruments SN74ALS842DW Datasheet HTML 4Page - Texas Instruments SN74ALS842DW Datasheet HTML 5Page - Texas Instruments SN74ALS842DW Datasheet HTML 6Page - Texas Instruments SN74ALS842DW Datasheet HTML 7Page - Texas Instruments SN74ALS842DW Datasheet HTML 8Page - Texas Instruments SN74ALS842DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
OC
CD
Q
LH
H
L
LHL
H
LL
X
Q0
HX
X
Z
OC
CD
Q
LH
H
H
LHL
L
LL
X
Q0
HX
X
Z
INPUTS
OUTPUT
INPUTS
OUTPUT
’ALS841, ’AS841
’ALS842, ’AS842
SN54ALS841, SN54AS841, SN54ALS842, SN54AS842
SN74ALS841, SN74AS841, SN74ALS842, SN74AS842
10-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SDAS059B – D2910, DECEMBER 1983 – REVISED MAY 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2
description (continued)
A buffered output control (OC) input can be used to place the ten outputs in either a normal logic state (high or
low levels) or a high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus
lines significantly. The high-impedance state and increased drive provide the capability to drive the bus lines
in a bus-organized system without need for interface or pullup components.
The output control does not affect the internal operation of the latches. Old data can be retained or new data
can be entered while the outputs are off.
The - 1 versions of the SN74ALS841 and SN74ALS842 parts are identical to the standard versions except that
the recommended maximum IOL is increased to 48 mA. There are no -1 versions of the SN54ALS841 and
SN54ALS842.
The SN54ALS841, SN54AS841, SN54ALS842, and SN54AS842 are characterized for operation over the full
military temperature range of – 55
°C to 125°C. The SN74ALS841, SN74AS841, SN74ALS842, and
SN74AS842 are characterized for operation from 0
°C to 70°C.
Function Tables


Similar Part No. - SN74ALS842DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS842DW TI-SN74ALS842DW Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS842DW TI1-SN74ALS842DW Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS842DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI-SN74ALS841 Datasheet
131Kb / 9P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT841 TI-SN54ABT841 Datasheet
109Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74BCT29841 TI-SN74BCT29841 Datasheet
75Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT29841 TI1-SN54BCT29841_08 Datasheet
89Kb / 5P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ABT841ADBR TI-SN74ABT841ADBR Datasheet
788Kb / 21P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES ITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com