Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM336-5.0 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # LM336-5.0
Description  Programmable Shunt Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM336-5.0 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  LM336-5.0 Datasheet HTML 1Page - Fairchild Semiconductor LM336-5.0 Datasheet HTML 2Page - Fairchild Semiconductor LM336-5.0 Datasheet HTML 3Page - Fairchild Semiconductor LM336-5.0 Datasheet HTML 4Page - Fairchild Semiconductor LM336-5.0 Datasheet HTML 5Page - Fairchild Semiconductor LM336-5.0 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Low Temperature Coefficient
• Adjustable 4V to 6V
• Wide Operating Range Current of 10mA to 400mA
• Three Lead Transistor Package (TO-92)
• 0.6 OHM Dynamic Impedance
±1.0% Initial Tolerance Available
• Guaranteed Temperature Stability
• Easily Trimmed for Minimum Temperature Drift
•Fast Turn On
Description
The LM336-5.0 / LM336B-5.0 integrated circuits are
precision 5.0V shunt regulators. The monolithic IC voltage
reference operates as a low temperature coefficient 5.0V
zener with 0.6 ohm dynamic impedance. A third terminal on
the LM336-5.0/LM336B-5.0 allows the reference voltage
and temperature coefficient to be trimmed easily.
The LM336-5.0/LM336B-5.0 are useful as a precision 5.0V
low voltage references which makes it convenient to obtain a
stable reference from low voltage supplies. Further, since the
LM336-5.0/LM336B-5.0 operate as shunt regulators, they
can be used as either a positive or negative voltage reference.
TO-92
1. Adj 2.+ 3. -
1
Internal Block Diagram
2
1
3
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10
R11
R12
R
×2
R
×1
C2
C1
+
ADJ
_
R
×1, R×2: External
Resistors
LM336-5.0/LM336B-5.0
Programmable Shunt Regulator


Similar Part No. - LM336-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM336-5.0 NSC-LM336-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM336-5.0 TI-LM336-5.0 Datasheet
432Kb / 14P
[Old version datasheet]   LM136-5.0, LM236-5.0, LM336-5.0 5.0V Reference Diode
LM336-5.0 TI1-LM336-5.0 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Similar Description - LM336-5.0

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM336Z5 FAIRCHILD-LM336Z5 Datasheet
157Kb / 6P
   Programmable Shunt Regulator
LM431BIZX FAIRCHILD-LM431BIZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
LM431ACZX FAIRCHILD-LM431ACZX Datasheet
230Kb / 11P
   Programmable Shunt Regulator
KA431 FAIRCHILD-KA431 Datasheet
90Kb / 12P
   Programmable Shunt Regulator
LM431A FAIRCHILD-LM431A Datasheet
122Kb / 12P
   Programmable Shunt Regulator
logo
ON Semiconductor
KA431S ONSEMI-KA431S Datasheet
457Kb / 11P
   Programmable Shunt Regulator
March 2015 Rev. 6.7
logo
Fairchild Semiconductor
LM336Z25 FAIRCHILD-LM336Z25 Datasheet
178Kb / 6P
   Programmable Shunt Regulator
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
   Programmable Shunt Regulator
LM431SA FAIRCHILD-LM431SA Datasheet
88Kb / 10P
   Programmable Shunt Regulator
LM336-2.5 FAIRCHILD-LM336-2.5 Datasheet
60Kb / 6P
   Programmable Shunt Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com