Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBFP405D Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SBFP405D
Description  SBFP405D
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SBFP405D Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SBFP405D Datasheet HTML 1Page - Sanyo Semicon Device SBFP405D Datasheet HTML 2Page - Sanyo Semicon Device SBFP405D Datasheet HTML 3Page - Sanyo Semicon Device SBFP405D Datasheet HTML 4Page - Sanyo Semicon Device SBFP405D Datasheet HTML 5Page - Sanyo Semicon Device SBFP405D Datasheet HTML 6Page - Sanyo Semicon Device SBFP405D Datasheet HTML 7Page - Sanyo Semicon Device SBFP405D Datasheet HTML 8Page - Sanyo Semicon Device SBFP405D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SBFP405D
No.7410-2/13
0.1
23
5
7
1.0
23
5
7
10
0
0.2
0.4
0.6
0.8
1.0
0
2.5
5.0
7.5
12.5
10.0
15.0
0
0.5
1.0
1.5
2.5
2.0
3.0
0
5
10
15
25
20
30
0123
5
4
3
5
7
3
5
7
10
2
0.01
2
3
5
7
3
5
7
0.1
2
1.0
0.01
2
3
5
7
3
5
7
0.1
2
1.0
1.0
23
2
57
10
0.1
23
5
7
1.0
23
5
7
10
hFE -- IC
1.0
2
23
35
2
73
0.1
57
10
コレクタ電流, IC -- mA
f T -- IC
コレクタ電流, IC -- mA
IT05760
IT05761
IC -- VCE
コレクタ・エミッタ 電圧, VCE -- V
IC -- VBE
ベース・エミッタ電圧, VBE -- V
IT05758
IT05759
0
2
4
6
8
Cob -- VCB
コレクタ・ベース電圧, VCB -- V
Cre -- VCB
コレクタ・ベース電圧, VCB -- V
IT05762
IT05763
f=1MHz
VCE
=3V
f=1MHz
IB=10µA
20µA
30µA
40µA
50µA
60µA
70µA
80µA
90µA
100µA
1V
1.0
23
5
7
10
2
S21e
2 -- IC
コレクタ電流, IC -- mA
IT05764
VCE
=3V
04
26
8
10
121416
NF -- IC
コレクタ電流, IC -- mA
IT05765
Zs=50Ω
Zs=Zsopt
VCE=1V
f=1.8GHz
1V
f=1.8GHz
f=1.8GHz
1.0
2
100
10
2
3
5
7
3
5
7
1000
2
3
5
7
VCE=4V
1V


Similar Part No. - SBFP405D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SBFP405B SANYO-SBFP405B Datasheet
22Kb / 2P
   UHF to C Band Low-Noise Amplifier Osc. Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com