Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPP11N60C3 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SPP11N60C3
Description  Cool MOS Power Transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPP11N60C3 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button SPP11N60C3 Datasheet HTML 2Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 3Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 4Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 5Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 6Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 7Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 8Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 9Page - Infineon Technologies AG SPP11N60C3 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2001-07-05
Page 6
SPP11N60C3, SPB11N60C3
SPI11N60C3
Preliminary data
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 10 µs, VGS
0
3
6
9
12
15
18
21
V
27
VGS
0
4
8
12
16
20
24
28
32
A
40
4,5V
5V
5,5V
6V
6,5V
7V
20V
10V
8V
6 Typ. output characteristic
ID = f (VDS); Tj=150°C
parameter: tp = 10 µs, VGS
0
5
10
15
V
25
VDS
0
2
4
6
8
10
12
14
16
18
A
22
4V
4.5V
5V
5.5V
6V
20V
8V
7V
7.5V
8 Drain-source on-state resistance
RDS(on) = f (Tj)
parameter : ID = 7 A, VGS = 10 V
-60
-20
20
60
100
°C
180
Tj
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2.1
SPP11N60C3
typ
98%
7 Typ. drain-source on resistance
RDS(on)=f(ID)
parameter: Tj=150°C, VGS
0
2
4
6
8
10
12
14
16
A
20
ID
0.4
0.6
0.8
1
1.2
1.4
1.6
2
4V
4.5V
5V
5.5V
6V
6.5V
8V
20V


Similar Part No. - SPP11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
352Kb / 14P
   Cool MOS??Power Transistor
2003-07-01
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
662Kb / 15P
   Cool MOS??Power Transistor
Rev. 2.6 2005-09-21
SPP11N60C3 INFINEON-SPP11N60C3 Datasheet
659Kb / 16P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3 . 2 2009-11-27
logo
Inchange Semiconductor ...
SPP11N60C3 ISC-SPP11N60C3 Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
SPP11N60C3 VBSEMI-SPP11N60C3 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Similar Description - SPP11N60C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPP07N60C3 INFINEON-SPP07N60C3 Datasheet
374Kb / 14P
   Cool MOS??Power Transistor
Rev. 2.1 2004-04-07
SPP08N50C3 INFINEON-SPP08N50C3 Datasheet
265Kb / 13P
   Cool MOS??Power Transistor
2003-06-27
SPP21N50C3 INFINEON-SPP21N50C3 Datasheet
341Kb / 13P
   Cool MOS??Power Transistor
2003-07-02
SPW52N50C3 INFINEON-SPW52N50C3 Datasheet
252Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.0 2004-03-16
SPU02N60S5 INFINEON-SPU02N60S5 Datasheet
251Kb / 10P
   Cool MOS??Power Transistor
2004-03-30
SPW11N60S5 INFINEON-SPW11N60S5 Datasheet
251Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-30
SPW15N60C3 INFINEON-SPW15N60C3 Datasheet
240Kb / 11P
   Cool MOS Power Transistor
2003-09-17
SPW16N50C3 INFINEON-SPW16N50C3 Datasheet
244Kb / 11P
   Cool MOS Power Transistor
2003-06-30
SPW17N80C3 INFINEON-SPW17N80C3 Datasheet
257Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-03
SPW32N50C3 INFINEON-SPW32N50C3 Datasheet
257Kb / 11P
   Cool MOS Power Transistor
Rev. 2.0 Page 2004-03-16
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
   Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com