Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5111VI-01MSOP Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT5111VI-01MSOP
Description  100-Tap Digitally Programmable Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5111VI-01MSOP Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT5111VI-01MSOP Datasheet HTML 1Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 2Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 3Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 4Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 5Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 6Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 7Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 8Page - Catalyst Semiconductor CAT5111VI-01MSOP Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Doc. No. 2009, Rev. R
CAT5113
+
+5V
VO
+2.5V
1F
C1
.001
A1
C2
4
7
2
3
R2
10k
CAT5114/5113
R3
100k
R1
50k
.001
6
VS
+5V
+
+
+
+5V
CHI
CLO
IC3
CAT5114/5113
+5V
U/D
INC
CS
2
1
6
5
3
VS +2.5V
0 < VS < 2.5V
OSC
IC2
74HC132
+5V
IC1
393
2
3
VLL
R1
R2
R3
VUL
2.5V < VO < 5V
VO
AI
IC4
6
5
+5V
1
7
10k
0.1 F
10k
8
4
7
Control
and
Memory
POR
CAT5114/5113
4
6
5
3
R3
10k
R2
820
11k
R1
6.8 F
V0 (REG)
GND
SD
VIN (UNREG)
SHUTDOWN
1F
+5V
8
2
1
7
2952
FB
1.23V
VOUT
100k
U/
.1
Programmable Voltage Regulator
APPLICATIONS INFORMATION
+
+
2
1
7
8
4
+5V
+5V
+5V
pR
(1-p)R
2
2
7
7
4
4
3
3
+2.5V
A1
6
6
A2
1M
330
330
IS
U/
10k
6
5
3
CAT5114/5113
VO
LT1097
Programmable I to V convertor
+
+
Serial
Bus
+5V
+5V
CAT5112/5111
+2.5V
R1
100k
R1
100k
R1
100k
VS
A2
7
5
6
+5V
4
1
11
+2.5V
IS
R
2.5k
R1
100k
2
3
A1=A2=1/4 LMC6064A
Programmable Bandpass Filter
Programmable Current Source/Sink
Automatic Gain Control


Similar Part No. - CAT5111VI-01MSOP

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5111VI-00-G CATALYST-CAT5111VI-00-G Datasheet
256Kb / 11P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
CAT5111VI-00-G CATALYST-CAT5111VI-00-G Datasheet
276Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5111VI-00-G ONSEMI-CAT5111VI-00-G Datasheet
624Kb / 13P
   100-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2008 Rev. R
CAT5111VI-00-GT3 ONSEMI-CAT5111VI-00-GT3 Datasheet
253Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2008 Rev. S
CAT5111VI-00-GT3 ONSEMI-CAT5111VI-00-GT3 Datasheet
205Kb / 14P
   100?릘ap Digital Potentiometer (POT)
June, 2013 ??Rev. 20
More results

Similar Description - CAT5111VI-01MSOP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
   100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_07 Datasheet
282Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5113 ONSEMI-CAT5113 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2009 Rev. Y
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113_08 Datasheet
278Kb / 13P
   100-Tap Digitally Programmable Potentiometer (DPP??
logo
ON Semiconductor
CAT5116LI-G ONSEMI-CAT5116LI-G Datasheet
593Kb / 12P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2118 Rev. M
logo
Catalyst Semiconductor
CAT5116 CATALYST-CAT5116 Datasheet
93Kb / 8P
   Log-Taper, 100-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com