Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


CLU731-1210C4 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLU731-1210C4
Description  High Intensity COB
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo 

CLU731-1210C4 Datasheet(HTML) 7 Page - CITIZEN ELECTRONICS CO., LTD.

Zoom Inzoom in Zoom Outzoom out
 7 page
background image
Ref.CE-0046P-201710
4-2. Optical Characteristics (continued)
4-3. Derating Characteristics
Radiation Characteristic
0%
20%
40%
60%
80%
100%
X
Y
80°
70°
60°
50°
40°
30°
20°
10°
-80°
-70°
-60°
-50°
-20°
-30°
-40°
-10°
90°
-90°
Case Temperature
vs. Allowable Forward Current
0
500
1000
1500
2000
2500
0
25
50
75
100
125
Tc [C]
7


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn