Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CLU731-1210C4 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part No. CLU731-1210C4
Description  High Intensity COB
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Homepage  http://ce.citizen.co.jp/e/index.html
Logo 

 
 2 page
background image
Ref.CE-0046P-201710
1. Introduction
1-1. Product Description
1-2. Features
CITIZEN ELECTRONICS is the first COB manufacture. Our advanced knowledge and packaging technology for
many years has excellent reliability and high quality of our products. CITILED COB Series covers a wide range of
luminous flux from a 10W incandescent bulb to a 300W mercury lamp in general lighting sources. The element
arrangement of LED package is capable of utilizing light more effectively and higher performance.
The new package “High Intensity COB Type.” provides smaller LES and higher flux intensity. Our new small LES
( Light emitting surface ) package has succeeded in producing higher flux intensity through use of our advanced
packaging technology. It is suitable for luminaires with a narrow beam angle such as spot lights. Enough space
around LES on the PCB accepts flexibility of optics attachment. This package is 3-Step MacAdam ellipse at hot binning.
Ver.2 is improved higher lumen density and lower thermal resistance as same package outline of previous version.
New lineup "low VF product (9V) " is added.
2
CLU731 - 12 10 C4 - 27 N V1 N8
[1]
[2]
[3]
[4]
[5]
[6]
[1]
[2]
[3]
[4]
[5]
[6]
Vivid Series
V1
Product Nomenclature
Type
CLU731
12
10
2700K
Natural
Product shape
Die count in series
Die count in parallel
Nominal CCT
・Mechanical Dimensions
: 28.0×28.0×1.4 (mm)
・Package Structure
: Aluminum Base Chip on Board
・Reference Assembly
: M3 screw, Connector
・Nominal CCT
: 2,700K, 3,000K, 3,500K, 4,000K, 5,000K
・Chromaticity Range
: 3-step MacAdam Ellipse
・Thermal Resistance
: 0.42C/W
・Maximum drive current
: 2300mA
・RoHS compliant
・Better die arrangement for optics
・Wide range of luminous flux and high efficacy
・Improved lumen density compared with previous version
・UL recognized component (E358566)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl