Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C11YI-TE13 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT25C11YI-TE13
Description  1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C11YI-TE13 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT25C11YI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT25C11YI-TE13 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
CAT25C11/03/05/09/17
Doc. No. 1017, Rev. J
Figure 9.
HOLD
HOLD
HOLD
HOLD
HOLD Timing
CS
SCK
HOLD
SO
tCD
tHD
tHD
tCD
tLZ
tHZ
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) – – – –
tCSH
CS
SCK
WP
WP
tWPS
tWPH
Figure 10.
WP
WP
WP
WP
WP Timing


Similar Part No. - CAT25C11YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11YITE13 CATALYST-CAT25C11YITE13 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C11YI-TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010 CATALYST-CAT25010 Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT24WC01 CATALYST-CAT24WC01 Datasheet
45Kb / 9P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com