Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33063A Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # MC33063A
Description  1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33063A Datasheet(HTML) 2 Page - Texas Instruments

  MC33063A Datasheet HTML 1Page - Texas Instruments MC33063A Datasheet HTML 2Page - Texas Instruments MC33063A Datasheet HTML 3Page - Texas Instruments MC33063A Datasheet HTML 4Page - Texas Instruments MC33063A Datasheet HTML 5Page - Texas Instruments MC33063A Datasheet HTML 6Page - Texas Instruments MC33063A Datasheet HTML 7Page - Texas Instruments MC33063A Datasheet HTML 8Page - Texas Instruments MC33063A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MC33063A, MC34063A
1.5A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
SLLS636D – DECEMBER 2004 – REVISED MARCH 2005
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
_
+
Q
S
1.25-V
Reference
Regulator
R
CT
Ipk
Oscillator
Q2
Q1
Switch
Collector
4
Switch
Emitter
Timing
Capacitor
GND
3
2
1
8
7
6
5
Comparator
Inverting
Input
VCC
Ipk
Sense
Drive
Collector
100
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Comparator Inverting Input voltage range, VIR
−0.3 V to 40 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch Collector voltage, VC(switch)
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch Emitter voltage (VPIN1 = 40 V), VE(switch)
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch Collector to Switch Emitter voltage, VCE(switch)
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver Collector voltage, VC(driver)
40V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Driver Collector current, IC(driver)
100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Switch current, ISW
1.5 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Notes 1 and 2): D package
97
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
DRJ package
TBD
°C/W
. . . . . . . . . . . . . . . . . . . . . . .
P package
85
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature, TJ
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable
ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
2. The package thermal impedance is calculated in accordance with JESD 51-7.


Similar Part No. - MC33063A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
149Kb / 16P
   DC-to-DC Converter Control Circuits
August, 2000 ??Rev. 6
logo
Motorola, Inc
MC33063A MOTOROLA-MC33063A Datasheet
948Kb / 15P
   DC-to-DC Converter Control Circuits SILICON MONOLITHIC INTEGRATED CIRCUIT
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
logo
Texas Instruments
MC33063A TI-MC33063A Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
More results

Similar Description - MC33063A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33063A TI1-MC33063A_16 Datasheet
1Mb / 30P
[Old version datasheet]   1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A TI-MC33063A_09 Datasheet
735Kb / 20P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_07 Datasheet
494Kb / 16P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATORS
MC33063A TI-MC33063A_15 Datasheet
1Mb / 30P
[Old version datasheet]   MC3x063A 1.5-A Peak Boost/Buck/Inverting Switching Regulators
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
MC33063A-Q1 TI-MC33063A-Q1_15 Datasheet
694Kb / 26P
[Old version datasheet]   MC33063A-Q1 1.5-A Peak Boost, Buck, Inverting Switching Regulator
logo
ON Semiconductor
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com