Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


EQY-10-24-D Datasheet(PDF) 3 Page - Mini-Circuits

Part No. EQY-10-24-D
Description  Gain Equalizer Die
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

   
 3 page
background image
Gain Equalizer Die
Page 3 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
EQY-10-24-D+
1. Measured on Die using MPI Titan series, 200 µm pitch GSG probe.
Electrical Specifications1 at 25°C, 50Ω, unless otherwise noted.
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
20
GHz
Insertion Loss
0.01
11.1
dB
5
9.4
10
5.9
18
1.7
20
1.1
VSWR
0.01 -5
1.11
:1
5 - 10
1.16
10 - 18
1.28
18 - 20
1.48
Assembly Diagram
Assembly Diagram
Ground wires are optional
RF In
Ground
RF Out
Assembly and Handling Procedure
1. Storage
Dice should be stored in a dry nitrogen purged desiccators or equivalent.
2. ESD
MMIC GaAs Gain equalizer dice are susceptible to electrostatic and mechanical damage. Die are supplied in
antistatic protected material, which should be opened in clean room conditions at an appropriately grounded anti-static worksta
tion. Devices need careful handling using correctly designed collets, vacuum pickup tips or sharp antistatic tweezers to deter
ESD damage to dice.
3. Die Attach
The die mounting surface must be clean and flat. Using conductive silver filled epoxy, recommended epoxies are DieMat
DM6030HK-PT/H579 or Ablestik 84-1LMISR4. Apply sufficient epoxy to meet required epoxy bond line thickness, epoxy fillet
height and epoxy coverage around total die periphery. Parts shall be cured in a nitrogen filled atmosphere per manufacturer’s
cure condition. It is recommended to use antistatic die pick up tools only.
4. Wire Bonding
Bond pad openings in the surface passivation above the bond pads are provided to allow wire bonding to the dice gold bond
pads. Thermosonic bonding is used with minimized ultrasonic content. Bond force, time, ultrasonic power and temperature are
all critical parameters. Suggested wire is pure gold, 1 mil diameter. Bonds must be made from the bond pads on the die to
the package or substrate. All bond wires should be kept as short as low as reasonable to minimize performance degradation due
to undesirable series inductance.
Operating Case Temperature
-55°C to 105°C
RF Input Power3
33 dBm
Absolute Maximum Ratings2
2. Permanent damage may occur if any of these limits are exceeded.
3. Derates linearly to 31 dBm at 105°C




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl