Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTHA-2FS0 Datasheet(PDF) 1 Page - Ralston Instruments.

Part # XTHA-2FS0
Description  Connect to pressure gauges, pressure transmitters and pressure calibrators to 10,000 psi
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALSTON [Ralston Instruments.]
Direct Link  http://www.ralstoninst.com
Logo RALSTON - Ralston Instruments.

XTHA-2FS0 Datasheet(HTML) 1 Page - Ralston Instruments.

  XTHA-2FS0_19 Datasheet HTML 1Page - Ralston Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ralston Instruments Inc. | ralstoninst.com | Toll Free 800-347-6575 | Phone 440-564-1430 | Fax 440-564-1480
Part No.
XTHA-2FS0
1/4" female NPT x male Quick-test XT Adapter, S.S.
Connect to pressure gauges, pressure
transmitters and pressure calibrators to 10,000
psi
XTHA-2FS0
Specs/Attributes
Country of origin
USA
Has Check Valve
No
Materials
Stainless Steel
Max Pressure
10000 PSI / 690 bar / 69 MPa
Max Temperature
225 °F / 105 °C
Min Temperature
0 °F / -18 °C
Seal Materials
Teflon, Viton
Wrench Size
3/4 In
19 mm
Dimensions
H: 1.56 in (3.96 cm) x W: 0.75 in (1.91 cm)


Similar Part No. - XTHA-2FS0_19

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
XTHA-2FS0-QD RALSTON-XTHA-2FS0-QD Datasheet
697Kb / 1P
   1/4 female NPT Quick-connect x male Quick-test XT, S.S.
XTHA-2FS0-QD RALSTON-XTHA-2FS0-QD Datasheet
660Kb / 1P
   Stainless Steel
XTHA-2FS0-QD RALSTON-XTHA-2FS0-QD_19 Datasheet
660Kb / 1P
   Stainless Steel
More results

Similar Description - XTHA-2FS0_19

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
QTHA-HCBL-45 RALSTON-QTHA-HCBL-45 Datasheet
645Kb / 1P
   Connect to pressure gauges, pressure calibrators and adapters easily and quickly
QTHA-7SS0 RALSTON-QTHA-7SS0_19 Datasheet
271Kb / 1P
   Connect to SAE/MS ports on pressure calibrators
QTFT-7SS0 RALSTON-QTFT-7SS0 Datasheet
486Kb / 1P
   Connect to SAE/MS ports on pressure calibrators
logo
Copal Electronics
PG-35 COPAL-PG-35_16 Datasheet
191Kb / 6P
   PRESSURE GAUGES
PG-30 COPAL-PG-30 Datasheet
124Kb / 6P
   PRESSURE GAUGES
PG-35H COPAL-PG-35H_16 Datasheet
108Kb / 4P
   PRESSURE GAUGES
PG-20 COPAL-PG-20_16 Datasheet
143Kb / 4P
   PRESSURE GAUGES
PG-200 COPAL-PG-200_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-208 COPAL-PG-208_16 Datasheet
129Kb / 8P
   PRESSURE GAUGES
PG-35L COPAL-PG-35L_16 Datasheet
126Kb / 4P
   PRESSURE GAUGES
logo
Ralston Instruments.
QTHA-7SS0 RALSTON-QTHA-7SS0 Datasheet
308Kb / 1P
   Connect to SAE/MS ports on pressure calibrators, pipelines and other processes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com